Electronic Components Datasheet Search
  English  ▼

X  

MRF20060 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF20060
Description  RF POWER BROADBAND NPN BIPOLAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF20060 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF20060 Datasheet HTML 1Page - Motorola, Inc MRF20060 Datasheet HTML 2Page - Motorola, Inc MRF20060 Datasheet HTML 3Page - Motorola, Inc MRF20060 Datasheet HTML 4Page - Motorola, Inc MRF20060 Datasheet HTML 5Page - Motorola, Inc MRF20060 Datasheet HTML 6Page - Motorola, Inc MRF20060 Datasheet HTML 7Page - Motorola, Inc MRF20060 Datasheet HTML 8Page - Motorola, Inc MRF20060 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MRF20060 MRF20060S
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 50 mAdc, IB = 0)
V(BR)CEO
25
26
—
Vdc
Collector–Emitter Breakdown Voltage
(IC = 50 mAdc, VBE = 0)
V(BR)CES
60
69
—
Vdc
Collector–Base Breakdown Voltage
(IC = 50 mAdc, IE = 0)
V(BR)CBO
60
69
—
Vdc
Reverse Base–Emitter Breakdown Voltage
(IB = 10 mAdc, IC = 0)
V(BR)EBO
3
3.5
—
Vdc
Zero Base Voltage Collector Leakage Current
(VCE = 30 Vdc, VBE = 0)
ICES
—
—
10
mAdc
ON CHARACTERISTICS
DC Current Gain
(VCE = 5 Vdc, IC = 1 Adc)
hFE
20
40
80
—
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 26 Vdc, IE = 0, f = 1.0 MHz) (1)
Cob
—
55
—
pF
FUNCTIONAL TESTS (In Motorola Test Fixture)
Common–Emitter Amplifier Power Gain
(VCC = 26 Vdc, Pout = 60 Watts (PEP), ICQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
Gpe
9
9.4
—
dB
Collector Efficiency
(VCC = 26 Vdc, Pout = 60 Watts (PEP), ICQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
η
33
35
—
%
Intermodulation Distortion
(VCC = 26 Vdc, Pout = 60 Watts (PEP), ICQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
IMD
—
–33
–30
dB
Input Return Loss
(VCC = 26 Vdc, Pout = 60 Watts (PEP), ICQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz)
IRL
12
19
—
dB
Output Mismatch Stress
(VCC = 26 Vdc, Pout = 60 Watts (PEP), ICQ = 200 mA,
f1 = 2000.0 MHz, f2 = 2000.1 MHz, VSWR = 3:1, All Phase
Angles at Frequency of Test)
ψ
No Degradation in Output Power
(1) For Information Only. This Part Is Collector Matched.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com