Electronic Components Datasheet Search
  English  ▼

X  

FMMT3905 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT3905
Description  SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT3905 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT3905 Datasheet HTML 1Page - Diodes Incorporated FMMT3905 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C
B
E
SWITCHING CHARACTERISTICS (at Tamb=25 °C unless otherwise stated)
PARAMETER
SYMBOL FMMT3905
FMMT3906
UNIT
CONDITIONS
MIN
MAX MIN
MAX
Delay Time
td
35
35
ns
VCC=-3V, VBE(off)=-0.5V
IC=-10mA, IB1=-1mA
(See Fig.1)
Rise Time
tr
35
35
ns
Storage Time
ts
200
225
ns
VCC=-3V, IC=-10mA
IB1=-IB2=-1mA
(See Fig.2)
Fall Time
tf
60
75
ns
FMMT3905
FMMT3906
SOT23 PNP SILICON PLANAR
SWITCHING TRANSISTORS
ISSUE 4 – MARCH 2000
PARTMARKING DETAILS -
FMMT3905 - 2W
FMMT3906 - 2A
COMPLEMENTARY TYPES - FMMT3905 - FMMT3903
FMMT3906 - FMMT3904
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-40
V
CollectorEmitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-200
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL FMMT3905 FMMT3906. UNIT CONDITIONS.
MIN MAX MIN MAX
BreakdownVoltages V(BR)CBO
-40
-40
V
IC=-10µA, IE=0
V(BR)CEO
-40
-40
V
IC=-1mA, IB=0*
V(BR)EBO
-5
-5
V
IE=-10µA, IC=0
Cut-Off Currents
ICEX
-50
-50
nA
VCE=-30V, VBE(off)=-3V
IBEX
-50
-50
nA
VCE=-30V, VEB(off)=-3V
Static Forward
Current
Transfer Ratio
hFE
30
40
50
30
15
150
60
80
100
60
30
300
IC=-0.1mA, VCE=-1V*
IC=-1mA, VCE=-1V*
IC=-10mA, VCE=-1V*
IC=-50mA, VCE=-1V*
IC=-100mA, VCE=-1V*
Saturation
Voltages
VCE(sat)
-0.25
-0.4
0.25
0.4
V
V
IC=-10mA, IB=-1mA*
IC=-50mA, IB=-5mA*
VBE(sat)
-0.65 -0.85
-0.95
-0.65 -0.85
-0.95
V
V
IC=-10mA, IB=-1mA*
IC=-50mA, IB=-5mA*
Transition
Frequency
fT
200
250
MHz IC=-10mA, VCE=-20V
f=100MHz
Output Capacitance Cobo
4.5
4.5
pF
VCB=-5V, IE=0, f=100KHz
Input Capacitance
Cibo
10
10
pF
VBE=0.5V, IC=0, f=100KHz
Noise Figure
N
5
4
dB
IC=-200mA, VCE=-5V
Rg=2kΩ, f=30Hz to 15kHz
at -3dB points
*Measured under pulsed conditions. Pulse width=200µs. Duty cycle =1%
FMMT3905
FMMT3906
Delay and Rise Time
Equivalent Test Circuit
Storage and Fall Time
Equivalent Test Circuit
PAGE NUMBER
PAGE NUMBER


Similar Part No. - FMMT3905

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT3905 ZETEX-FMMT3905 Datasheet
174Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
More results

Similar Description - FMMT3905

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
FMMT2907 ZETEX-FMMT2907 Datasheet
41Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
List of Unclassifed Man...
BSS69 ETC-BSS69 Datasheet
34Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT4125 ZETEX-FMMT4125 Datasheet
27Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
ATMEL Corporation
FMMTA63 ATMEL-FMMTA63 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
FMMT4126 ZETEX-FMMT4126 Datasheet
36Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
BSS69 ZETEX-BSS69 Datasheet
37Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
BSS80B ZETEX-BSS80B Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
BSS82B ZETEX-BSS82B Datasheet
30Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Diodes Incorporated
BCV26 DIODES-BCV26 Datasheet
51Kb / 1P
SOT23 PNP SILICON PLANAR DARLINGTON TRANSISTORS
SEPTEMBER 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com