Electronic Components Datasheet Search
  English  ▼

X  

46205000000 Datasheet(PDF) 1 Page - Littelfuse

Part # 46205000000
Description  Heat resistant plastic housing, UL 94 V-0 Low voltage drop
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

46205000000 Datasheet(HTML) 1 Page - Littelfuse

  46205000000 Datasheet HTML 1Page - Littelfuse 46205000000 Datasheet HTML 2Page - Littelfuse 46205000000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Surface Mount Fuses
©2009 Littelfuse, Inc.
462 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/462.html for current information.
NANO2® Fuse > 250V/350V VAC/VDC Time Lag > 462 Series
462 Series Fuse
Description
Agency Approvals
Electrical Characteristics for Series
Features
% of Ampere
Rating
OpeningTime
125%
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
®
E67006
500mA - 4A
40022235
40027839
1A, 1.6A, 3.15A, 4A
2A
5007679-1170-0040 /
88238
500mA - 5A
Electrical Specifications by Item
Ampere
Rating
(A)
Amp
Code
Max
Voltage
Rating
(V)5
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)1
Nominal
Melting
I2t (A2sec)
Nom
Voltage
Drop
(mV)
Nom
Power
Dissipation
(mW)
Agency Approvals3
®
XX
XX
XX
XXX
1125
XX
XXX
XXP
XP
1315
XXP
XXP
P
1. Cold resistance measured at less than 10% of rated current at 23°C
2. l2t values slated for 8ms opening time
3. Agency Approval Table Key: X = Approved or Certified, P = Pending
4. UL Recognition - IR at 100A @ 350 VAC/VDC
5. Rated at 350VAC/VDC per UL Recognition under UL248 (up to 4A only).
Rated at 250VAC/VDC per VDE under IEC standard 60127-4.
2®
Applications
®
If you have special electrical characteristic needs, please contact Littelfuse to discuss application specific options.
Revised: December 17, 2010


Similar Part No. - 46205000000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
46205000000 LITTELFUSE-46205000000 Datasheet
763Kb / 3P
250V/350V VAC/VDC Time Lag Fuse
More results

Similar Description - 46205000000

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UF4007-TP MCC-UF4007-TP Datasheet
259Kb / 3P
Epoxy meets UL 94 V-0 flammability rating
logo
Pulse A Technitrol Comp...
P538 PULSE-P538 Datasheet
516Kb / 2P
Materials meet UL-94 V-0 requirements Rated voltage: 250 Vac
logo
List of Unclassifed Man...
RB521S-30-TP ETC2-RB521S-30-TP Datasheet
268Kb / 3P
Epoxy meets UL 94 V-0 flammability rating
logo
Molex Electronics Ltd.
171692-0106 MOLEX11-171692-0106 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 6 Circuit, UL 94 V-0, Bag
171692-0108 MOLEX11-171692-0108 Datasheet
43Kb / 1P
Mega-Fit??Receptacle Housing, Dual Row, 8 Circuit, UL 94 V-0, Bag
logo
Micro Commercial Compon...
SK52AFL MCC-SK52AFL Datasheet
637Kb / 3P
Epoxy meets UL 94 V-0 flammability rating
logo
Amphenol Corporation
P-U77-A1110-8000P AMPHENOL-P-U77-A1110-8000P Datasheet
64Kb / 1P
flammability ul 94 v-0
logo
Micro Commercial Compon...
1N4004W MCC-1N4004W Datasheet
479Kb / 3P
Epoxy meets UL 94 V-0 flammability rating
logo
Shanghai Leiditech Elec...
BC846 LEIDITECH-BC846 Datasheet
595Kb / 5P
Epoxy meets UL-94 V-0 flammability rating
ES2A LEIDITECH-ES2A Datasheet
512Kb / 3P
Epoxy meets UL 94 V-0 flammability rating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com