Electronic Components Datasheet Search
  English  ▼

X  

PCA9554DWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9554DWR
Description  REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9554DWR Datasheet(HTML) 2 Page - Texas Instruments

  PCA9554DWR Datasheet HTML 1Page - Texas Instruments PCA9554DWR Datasheet HTML 2Page - Texas Instruments PCA9554DWR Datasheet HTML 3Page - Texas Instruments PCA9554DWR Datasheet HTML 4Page - Texas Instruments PCA9554DWR Datasheet HTML 5Page - Texas Instruments PCA9554DWR Datasheet HTML 6Page - Texas Instruments PCA9554DWR Datasheet HTML 7Page - Texas Instruments PCA9554DWR Datasheet HTML 8Page - Texas Instruments PCA9554DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
PCA9554
SCPS128B – JULY 2006 – REVISED AUGUST 2008 ........................................................................................................................................................ www.ti.com
The device's outputs (latched) have high-current drive capability for directly driving LEDs and low current
consumption.
Three hardware pins (A0, A1, and A2) are used to program and vary the fixed I2C address and allow up to eight
devices to share the same I2C bus or SMBus.
The PCA9554 is pin-to-pin and I2C address compatible with the PCF8574. However, software changes are
required, due to the enhancements in the PCA9554 over the PCF8574.
The PCA9554 and PCA9554A are identical except for their fixed I2C address. This allows for up to 16 of these
devices (eight of each) on the same I2C/SMBus.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGT
Reel of 3000
PCA9554RGTR
PREVIEW
QFN – RGV
Reel of 2500
PCA9554RGVR
PREVIEW
QSOP – DBQ
Reel of 2500
PCA9554DBQR
PD554
Tube of 40
PCA9554DW
SOIC – DW
PCA9554
Reel of 2000
PCA9554DWR
–40°C to 85°C
Tube of 80
PCA9554DB
SSOP – DB
PD554
Reel of 2000
PCA9554DBR
Tube of 90
PCA9554PW
TSSOP – PW
PD554
Reel of 2000
PCA9554PWR
TVSOP – DGV
Reel of 2000
PCA9554DGVR
PD554
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9554
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com