Electronic Components Datasheet Search
  English  ▼

X  

TLP2531F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP2531F
Description  Digital Logic Isolation Line Receiver Power Supply Control Switching Power Supply Transistor Inverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2531F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP2531F Datasheet HTML 1Page - Toshiba Semiconductor TLP2531F Datasheet HTML 2Page - Toshiba Semiconductor TLP2531F Datasheet HTML 3Page - Toshiba Semiconductor TLP2531F Datasheet HTML 4Page - Toshiba Semiconductor TLP2531F Datasheet HTML 5Page - Toshiba Semiconductor TLP2531F Datasheet HTML 6Page - Toshiba Semiconductor TLP2531F Datasheet HTML 7Page - Toshiba Semiconductor TLP2531F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP2530,TLP2531
2007-10-01
2
Absolute Maximum Ratings
Characteristic
Symbol
Rating
Unit
Forward current(each channel)
(Note 1)
IF
25
mA
Pulse forward current
(Each Channel)
(Note 2)
IFP
50
mA
Total pulse forward current
(each channel)
(Note 3)
IFPT
1
A
Reverse voltage(each channel)
VR
5
V
Diode power dissipation
(each channel)
(Note 4)
PD
45
mW
Output current(each channel)
IO
8
mA
Peak output current
(each channel)
IOP
16
mA
Supply voltage
VCC
−0.5~15
V
Output voltage(each channel)
VO
−0.5~15
V
Output power dissipation
(each channel)
(Note 5)
PO
35
mW
Operating temperature range
Topr
−55~100
°C
Storage temperature range
Tstg
−55~125
°C
Lead solder temperature(10s)**
Tsol
260
°C
Isolation voltage
(AC, 1min., R.H.≤ 60%)
(Note 7)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Derate 0.8mA above 70°C.
(Note 2) 50% duty cycle, 1ms pulse width. Derate 1.6mA / °C above 70°C.
(Note 3) Pulse width 1μs, 300pps.
(Note 4) Derate 0.9mW / °C above 70°C.
(Note 5) Derate 1mW / °C above 70°C.
**2mm below seating plane.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
0
⎯
12
V
Forward current, each channel
IF
⎯
16
25
mA
Operating temperature
Topr
−25
⎯
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com