Electronic Components Datasheet Search
  English  ▼

X  

IXTP230N075T2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP230N075T2
Description  TrenchT2TM Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP230N075T2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP230N075T2 Datasheet HTML 1Page - IXYS Corporation IXTP230N075T2 Datasheet HTML 2Page - IXYS Corporation IXTP230N075T2 Datasheet HTML 3Page - IXYS Corporation IXTP230N075T2 Datasheet HTML 4Page - IXYS Corporation IXTP230N075T2 Datasheet HTML 5Page - IXYS Corporation IXTP230N075T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C75
V
V
DGR
T
J
= 25
°C to 175°C, R
GS = 1MΩ
75
V
V
GSM
Transient
± 20
V
I
D25
T
C = 25°C
230
A
I
LRMS
Lead Current Limit, RMS
75
A
I
DM
T
C = 25°C, pulse width limited by TJM
700
A
I
A
T
C = 25°C
115
A
E
AS
T
C = 25°C
850
mJ
P
D
T
C = 25°C
480
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6mm (0.062in.) from case for 10s
300
°C
T
sold
Plastic body for 10 seconds
260
°C
M
d
Mounting torque (TO-220)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
75
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.0
4.0
V
I
GSS
V
GS = ± 20V, VDS = 0V
±200 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 150°C
150
μA
R
DS(on)
V
GS = 10V, ID = 50A, Notes 1, 2
4.2 m
Ω
TrenchT2TM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
IXTA230N075T2
IXTP230N075T2
V
DSS
= 75V
I
D25
= 230A
R
DS(on) ≤
≤≤≤≤ 4.2m
Ω
Ω
Ω
Ω
Ω
DS100042(09/08)
G = Gate
D
= Drain
S = Source
TAB = Drain
Features
International standard packages
175°C Operating Temperature
High current handling capability
Low R
DS(on)
Advantages
Easy to mount
Space savings
High power density
Applications
Electrical Motor Drive
High current switching DC to DC
converter
Preliminary Technical Information
TO-263 (IXTA)
G
S
(TAB)
TO-220 (IXTP)
G D
S
(TAB)


Similar Part No. - IXTP230N075T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP230N075T2 ISC-IXTP230N075T2 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP230N075T2

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
IXYS Corporation
IXTA170N075T2 IXYS-IXTA170N075T2 Datasheet
208Kb / 6P
Preliminary Technical Information TrenchT2TM Power MOSFET
IXTA100N04T2 IXYS-IXTA100N04T2 Datasheet
209Kb / 6P
Preliminary Technical Information TrenchT2TM Power MOSFET
IXTA260N055T2-7 IXYS-IXTA260N055T2-7 Datasheet
140Kb / 6P
Preliminary Technical Information TrenchT2TM Power MOSFET N-Channel Enhancement Mode
IXTH260N055T2 IXYS-IXTH260N055T2 Datasheet
172Kb / 6P
TrenchT2TM Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com