Electronic Components Datasheet Search
  English  ▼

X  

MRF255 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF255
Description  N-CHANNEL BROADBAND RF POWER FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF255 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF255 Datasheet HTML 1Page - Motorola, Inc MRF255 Datasheet HTML 2Page - Motorola, Inc MRF255 Datasheet HTML 3Page - Motorola, Inc MRF255 Datasheet HTML 4Page - Motorola, Inc MRF255 Datasheet HTML 5Page - Motorola, Inc MRF255 Datasheet HTML 6Page - Motorola, Inc MRF255 Datasheet HTML 7Page - Motorola, Inc MRF255 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRF255
MOTOROLA RF DEVICE DATA
Figure 1. 54 MHz Linear RF Test Circuit Electrical Schematic
C1 — 470 pF, Chip Capacitor
C2, C3, C11, C12 — 20 – 200 pF, Trimmer, ARCO #464
C4 — 100 pF, Chip Capacitor
C5, C17 — 100
µF, 15 V, Electrolytic
C6 — 0.001
µF, Disc Ceramic
C7, C8, C9, C10 — 330 pF, Chip Capacitor
C14 — 1200 pF, ATC Chip Capacitor
C15 — 910 pF, 500 V, Dipped Mica
C16 — 47
µF, 16 V, Electrolytic
L1 — 8 Turns, #20 AWG, 0.126
″ ID
L2 — 5 Turns, #18 AWG, 0.142
″ ID
L3 — 3 Turns, #20 AWG, 0.102
″ ID
L4 — 7 Turns, #24 AWG, 0.070
″ ID
L5 — 6.5 Turns, #18 AWG, 0.230
″ ID, 0.5″ Long
N1, N2 — Type N Flange Mount
RFC1 — Ferroxcube VK–200–19/4B
R1 — 39 k
Ω, 1/4 W Carbon
R2 — 150
Ω, 1/4 W Carbon
Board — G–10 .060
″
VGG
VDD
RF
OUTPUT
RF
INPUT
RFC1
+
+
+
C5
C6
C15
C16
C17
C4
C7
C8
L5
L1
L2
R2
R1
C2
C3
C1
N1
N2
C14
C9
C10
C11
C12
L3
L4
DUT
TYPICAL CHARACTERISTICS
– 10
– 20
– 30
– 40
– 50
– 60
100
90
80
70
60
50
40
30
20
10
90
80
70
60
50
40
30
20
10
0
0
1
2
3
4
Figure 2. IMD versus Output Power
OUTPUT POWER (WATTS PEP)
Figure 3. Output Power versus Input Power
Pin, INPUT POWER (WATTS PEP)
IMD5
IMD3
VDD = 12.5 Vdc
IDQ = 400 mA
f1 = 54 MHz, f2 = 54.001 MHz
VDD = 12.5 Vdc
IDQ = 400 mA
f1 = 54 MHz, f2 = 54.001 MHz
100
90
80
70
60
50
40
30
20
10
100
90
80
70
60
50
40
30
20
0
10
0
1
2
3
4
16
15
14
13
12
11
10
9
Figure 4. Output Power versus Input Power
Pin, INPUT POWER (WATTS CW)
Figure 5. Output Power versus Supply Voltage
VDD, SUPPLY VOLTAGE (VOLTS)
VDD = 12.5 Vdc
IDQ = 400 mA
f = 54 MHz
2 W
Pin = 4 W
1 W
0.5 W
IDQ = 400 mA
f = 54 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com