Electronic Components Datasheet Search
  English  ▼

X  

FST16244 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST16244
Description  16-Bit Bus Switch (Preliminary)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16244 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST16244 Datasheet HTML 1Page - Fairchild Semiconductor FST16244 Datasheet HTML 2Page - Fairchild Semiconductor FST16244 Datasheet HTML 3Page - Fairchild Semiconductor FST16244 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
© 2001 Fairchild Semiconductor Corporation
DS500420
www.fairchildsemi.com
May 2001
Revised May 2001
FST16244
16-Bit Bus Switch (Preliminary)
General Description
The Fairchild Switch FST16244 provides 16-bits of high-
speed CMOS TTL-compatible bus switching. The low On
Resistance of the switch allows inputs to be connected to
outputs without adding propagation delay or generating
additional ground bounce noise.
The device is organized as a 16-bit switch. There are four
4-bit switches with separate output enable inputs. When
OE is LOW, the switch in ON and Port A is connected to
Port B. When OE is HIGH, the switch OFF and a high
impedance state exists between the A and B Ports.
Features
s 4
Ω switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Logic Diagram
Pin Descriptions
Truth Table
H
= HIGH Voltage Level L = LOW Voltage Level Z = High Impedance
Order Number
Package Number
Package Description
FST16244MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Name
Description
OEn
Output Enable Input (Active LOW)
1An, 2An, 3An, 4An
Bus A
1Bn, 2Bn, 3Bn, 4Bn
Bus B
Inputs
Outputs
OEx
A, B
LA Port
= B Port
HZ


Similar Part No. - FST16244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
16-Bit Bus Switch
FST16245 FAIRCHILD-FST16245 Datasheet
158Kb / 4P
16-Bit Bus Switch
FST16245MTD FAIRCHILD-FST16245MTD Datasheet
182Kb / 4P
16-Bit Bus Switch
FST16245MTD FAIRCHILD-FST16245MTD Datasheet
158Kb / 4P
16-Bit Bus Switch
FST16245MTDX FAIRCHILD-FST16245MTDX Datasheet
182Kb / 4P
16-Bit Bus Switch
More results

Similar Description - FST16244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST162244 FAIRCHILD-FST162244 Datasheet
175Kb / 4P
16-Bit Bus Switch with 25??Series Resistor in Outputs Preliminary
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
16-Bit Bus Switch
FST32X245 FAIRCHILD-FST32X245 Datasheet
251Kb / 4P
16-Bit Bus Switch
FSTD16244 FAIRCHILD-FSTD16244 Datasheet
186Kb / 6P
16-Bit Bus Switch with Level Shifting (Preliminary)
logo
Integrated Device Techn...
IDT74FST163244 IDT-IDT74FST163244 Datasheet
85Kb / 6P
16-BIT BUS SWITCH
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FSLV34X245 FAIRCHILD-FSLV34X245 Datasheet
229Kb / 5P
32-Bit Bus Switch (Preliminary)
logo
Texas Instruments
SN74CBT16245 TI-SN74CBT16245_06 Datasheet
151Kb / 9P
16-BIT FET BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245_05 Datasheet
158Kb / 4P
16-Bit Bus Switch
logo
Texas Instruments
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
16-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com