Electronic Components Datasheet Search
  English  ▼

X  

FST3125 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FST3125
Description  Quad Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3125 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FST3125 Datasheet HTML 1Page - Fairchild Semiconductor FST3125 Datasheet HTML 2Page - Fairchild Semiconductor FST3125 Datasheet HTML 3Page - Fairchild Semiconductor FST3125 Datasheet HTML 4Page - Fairchild Semiconductor FST3125 Datasheet HTML 5Page - Fairchild Semiconductor FST3125 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS500043
www.fairchildsemi.com
August 1997
Revised December 1999
FST3125
Quad Bus Switch
General Description
The Fairchild Switch FST3125 provides four high-speed
CMOS TTL-compatible bus switches. The low on resis-
tance of the switch allows inputs to be connected to out-
puts without adding propagation delay or generating
additional ground bounce noise.
The device is organized as four 1-bit switches with sepa-
rate OE inputs. When OE is LOW, the switch is ON and
Port A is connected to Port B. When OE is HIGH, the
switch is OPEN and a high-impedance state exists
between the two ports.
Features
s 4
Ω switch connection between two ports.
s Minimal propagation delay through the switch.
s Low lCC.
s Zero bounce in flow-through mode.
s Control inputs compatible with TTL level.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Pin Descriptions
Connection Diagrams
Pin Assignment for SOIC and TSSOP
Pin Assignment for QSOP
Truth Table
Order Number
Package Number
Package Description
FST3125M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
FST3125QSC
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150 Wide
FST3125MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
OE1, OE2, OE3, OE4
Bus Switch Enables
1A, 2A, 3A, 4A
Bus A
1B, 2B, 3B, 4B
Bus B
NC
Not Connected
Inputs
Inputs/Outputs
OE
A,B
LA
= B
HZ


Similar Part No. - FST3125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST3125 FAIRCHILD-FST3125 Datasheet
123Kb / 6P
4-Bit Bus Switch
FST3125 FAIRCHILD-FST3125 Datasheet
445Kb / 9P
4-Bit Bus Switch
logo
ON Semiconductor
FST3125 ONSEMI-FST3125 Datasheet
124Kb / 7P
4-Bit Bus Switch
June, 2013 ??Rev. 0
FST3125DR2G ONSEMI-FST3125DR2G Datasheet
124Kb / 7P
4-Bit Bus Switch
June, 2013 ??Rev. 0
FST3125DR2G ONSEMI-FST3125DR2G Datasheet
124Kb / 7P
4-Bit Bus Switch
June, 2013 ??Rev. 0
More results

Similar Description - FST3125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
Octal bus switch with Quad Output Enables
1998 Dec 08
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126 Datasheet
121Kb / 6P
Quad Bus Switch
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
NXP Semiconductors
CBT3126 NXP-CBT3126 Datasheet
91Kb / 13P
Quad FET bus switch
Rev. 03-9 December 2008
logo
Toshiba Semiconductor
TC7MBL3125CFT TOSHIBA-TC7MBL3125CFT Datasheet
244Kb / 12P
Low Voltage/Low Capacitance Quad Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
logo
Toshiba Semiconductor
TC7MB3125CFT TOSHIBA-TC7MB3125CFT Datasheet
289Kb / 11P
Low Capacitance Quad Bus Switch
2014-03-01
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com