Electronic Components Datasheet Search
  English  ▼

X  

BLA2ABD471SN4 Datasheet(PDF) 50 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABD471SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABD471SN4 Datasheet(HTML) 50 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABD471SN4 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. BLA2ABD471SN4 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
61
s Impedance-Frequency Characteristics
BLM15BB470SN1
BLM15BB750SN1
BLM15BB121SN1
BLM15BC121SN1
BLM15BB221SN1
BLM15BD182SN1
BLM15BA050SN1
BLM15BB050SN1
BLM15BA100SN1
BLM15BB100SN1
BLM15BB220SN1
Continued on the following page.
BLM15BA330SN1
BLM15BA470SN1
BLM15BA220SN1
BLM15BC241SN1
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM15B Series (0402 Size)
BLM15B
1
10
100
1000
3000
Frequency (MHz)
0
250
200
150
100
50
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
100
200
300
400
Z
X
R
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
1000
800
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
500
400
300
200
100
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
900
600
300
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
2000
1500
1000
500
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
20
40
60
80
100
120
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
25
20
15
10
5
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
40
80
120
160
200
240
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
60
45
30
15
Z
R
X
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
20
40
60
80
120
100
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
1000
1
10
100
1000
3000
Frequency (MHz)
0
400
800
1200
1600
2000
Z
X
R
1
10
100
1000
3000
Frequency (MHz)
0
100
200
300
400
500
600
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
3000
2000
2500
Z
R
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com