Electronic Components Datasheet Search
  English  ▼

X  

GDZ8.2 Datasheet(PDF) 2 Page - Rohm

Part # GDZ8.2
Description  2-pin ultra mini-mold type for high-density mounting(GMD2)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

GDZ8.2 Datasheet(HTML) 2 Page - Rohm

  GDZ8.2 Datasheet HTML 1Page - Rohm GDZ8.2 Datasheet HTML 2Page - Rohm GDZ8.2 Datasheet HTML 3Page - Rohm GDZ8.2 Datasheet HTML 4Page - Rohm GDZ8.2 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GDZ5.1
Diodes
Rev.C
2/4
Electrical characteristics (Ta=25 C)
MARKING (Type No.)
TYPE
TYPE NO.
GDZ
3.9
LA
GDZ
4.7
AA
GDZ
5.1
DA
GDZ
5.6
EA
GDZ
6.2
FA
GDZ
6.8
HA
GDZ
7.5
JA
GDZ
8.2
KA
MIN.
MAX.
Iz(mA)
MAX.
VR(V)
GDZ 3.9
3.740
4.160
5.0
5.0
1.0
GDZ 4.7
4.420
4.900
5.0
2.0
1.0
GDZ 5.1
4.840
5.370
5.0
2.0
1.5
GDZ 5.6
5.310
5.920
5.0
1.0
2.5
GDZ 6.2
5.860
6.530
5.0
1.0
3.0
GDZ 6.8
6.470
7.140
5.0
0.5
3.5
GDZ 7.5
7.060
7.840
5.0
0.5
4.0
GDZ 8.2
7.760
8.640
5.0
0.5
5.0
(1)The zener voltage(Vz) is measured 40ms after power is supplied.
TYP.
Symbol
Reverse current
IR( A
Zener voltage Vz(V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com