Electronic Components Datasheet Search
  English  ▼

X  

AD633ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD633ARZ
Description  Low Cost Analog Multiplier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD633ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD633ARZ Datasheet HTML 8Page - Analog Devices AD633ARZ Datasheet HTML 9Page - Analog Devices AD633ARZ Datasheet HTML 10Page - Analog Devices AD633ARZ Datasheet HTML 11Page - Analog Devices AD633ARZ Datasheet HTML 12Page - Analog Devices AD633ARZ Datasheet HTML 13Page - Analog Devices AD633ARZ Datasheet HTML 14Page - Analog Devices AD633ARZ Datasheet HTML 15Page - Analog Devices AD633ARZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD633
Rev. I | Page 13 of 16
Figure 27. Inner Layer Power Plane
Figure 28. Component Side Silk Screen
Figure 29. AD633-EVALZ Assembly
+
+
X2
X1
+VS
W
Y1
Y2
–VS
Z
Z11
AD633ARZ
C6
10µF
25V
C2
0.1µF
C3
0.1µF
C4
0.1µF
C5
10µF
25V
1
3
2
4
7
6
2
3
4
8
7
6
5
C1
0.1µF
GND
R2
10kΩ
R3
10kΩ
R1
100Ω
MULTIPLICATION:
[(X1-X2)(Y1-Y2)/10V] + Z
DIVISION:
–10V (NUM/DENOM)
Y1_IN
X2_IN
X1_IN (DENOM)
X2_TP
SEL_Y1
SEL_X1
SEL_X2
SEL_Y2
SEL_Z
Y2_IN
Z_IN
NUMERATOR
–VS
Y2_TP
X1_TP
OUT_TP
OUT
+V
Y1_TP
D
M
D
M
D
M
Z_TP
NOM_TP
G1
G2
G3
G4
G6
G5
+V
–V
+V
–V
NOTES
1. Z1 TO HAVE DUAL FOOTPRINT FOR
SOLDER MOUNT OR THRUHOLE SOCKET.
IN
GND
TEST
IN
GND
TEST
IN
GND
TEST
FUNCT(1)
FUNCT(2)
FUNCT(3)
IN
GND
TEST
IN
GND
TEST
Figure 30. Schematic of the AD633 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com