Electronic Components Datasheet Search
  English  ▼

X  

AD637ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD637ARZ
Description  High Precision, Wideband RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD637ARZ Datasheet HTML 9Page - Analog Devices AD637ARZ Datasheet HTML 10Page - Analog Devices AD637ARZ Datasheet HTML 11Page - Analog Devices AD637ARZ Datasheet HTML 12Page - Analog Devices AD637ARZ Datasheet HTML 13Page - Analog Devices AD637ARZ Datasheet HTML 14Page - Analog Devices AD637ARZ Datasheet HTML 15Page - Analog Devices AD637ARZ Datasheet HTML 16Page - Analog Devices AD637ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD637
Rev. K | Page 13 of 20
dB CALIBRATION
Refer to Figure 20:
• Set V
IN
= 1.00 V dc or 1.00 V rms
• Adjust R1 for 0 dB out = 0.00 V
• Set V
IN
= 0.1 V dc or 0.10 V rms
• Adjust R2 for dB out = −2.00 V
Any other dB reference can be used by setting VIN and R1
accordingly.
AD707JN
+VS
R2
5kΩ
33.2kΩ
R3
1kΩ*
BUFFER
AD637
SQUARER/DIVIDER
FILTER
25kΩ
25kΩ
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CAV
–VS
+VS
+
BUFF
OUT
COMMON
OUTPUT
OFFSET
BUFF IN
NC
CS
DEN
INPUT
dB OUTPUT
VIN
NC
1µF
VOUT
+VS
AD508J
+2.5 V
R1
500kΩ
0dB ADJUST
10kΩ
4.7kΩ
+VS
–VS
+VS
SIGNAL
INPUT
dB SCALE
FACTOR
ADJUST
COMPENSATED
dB OUTPUT
+ 100mV/dB
–VS
60.4Ω
2
3
4
6
7
ABSOLUTE
VALUE
BIAS
SECTION
*1kΩ + 3500ppm
SEE TEXT
NC = NO CONNECT
Figure 20. dB Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com