Electronic Components Datasheet Search
  English  ▼

X  

AD637JDZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD637JDZ
Description  High Precision, Wideband RMS-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JDZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD637JDZ Datasheet HTML 12Page - Analog Devices AD637JDZ Datasheet HTML 13Page - Analog Devices AD637JDZ Datasheet HTML 14Page - Analog Devices AD637JDZ Datasheet HTML 15Page - Analog Devices AD637JDZ Datasheet HTML 16Page - Analog Devices AD637JDZ Datasheet HTML 17Page - Analog Devices AD637JDZ Datasheet HTML 18Page - Analog Devices AD637JDZ Datasheet HTML 19Page - Analog Devices AD637JDZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD637
Rev. K | Page 16 of 20
EVALUATION BOARD
Figure 23 shows a digital image of the AD637-EVALZ, an
evaluation board specially designed for the AD637. It is
available at www.analog.com and is fully tested and ready for
bench testing after connecting power and signal I/O. The circuit
is configured for dual power supplies, and standard BNC
connectors serve as the signal input and output ports.
Referring to the schematic in Figure 30, the input connector
RMS_IN is capacitively coupled to Pin 15 (VIN of SOIC package) of
the AD637. The DC_OUT connector is connected to Pin 11,
RMS OUT, with provisions for connections to the output buffer
between Pin 1 and Pin 16. The buffer is an uncommitted op
amp, and is configured on the AD637-EVALZ as a low-pass
Sallen-Key filter whose fC < 0.5 Hz. Users can connect to the
buffer by moving the FILTER switch to the on position.
DC_OUT is still the output of the AD637, and the test loop,
BUF_OUT, is the output of the buffer. The R2 trimmer adjusts
the output offset voltage.
The LPF frequency is changed by changing the component
values of CF1, CF2, R4, and R5. See Figure 24 and Figure 30 to
locate these components. Note that a wide range of capacitor
and resistor values can be used with the AD637 buffer amplifier.
Figure 23. AD637-EVALZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com