Electronic Components Datasheet Search
  English  ▼

X  

OP184 Datasheet(PDF) 21 Page - Analog Devices

Part # OP184
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP184 Datasheet(HTML) 21 Page - Analog Devices

Back Button OP184 Datasheet HTML 17Page - Analog Devices OP184 Datasheet HTML 18Page - Analog Devices OP184 Datasheet HTML 19Page - Analog Devices OP184 Datasheet HTML 20Page - Analog Devices OP184 Datasheet HTML 21Page - Analog Devices OP184 Datasheet HTML 22Page - Analog Devices OP184 Datasheet HTML 23Page - Analog Devices OP184 Datasheet HTML 24Page - Analog Devices OP184 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7685
Rev. C | Page 21 of 28
CS MODE 4-WIRE WITH BUSY INDICATOR
This mode is usually used when a single AD7685 is connected
to an SPI-compatible digital host, which has an interrupt input,
and it is desired to keep CNV, which is used to sample the
analog input, independent of the signal used to select the data
reading. This requirement is particularly important in
applications where low jitter on CNV is desired.
The connection diagram is shown in Figure 40, and the
corresponding timing is given in Figure 41.
With SDI high, a rising edge on CNV initiates a conversion,
selects the CS mode, and forces SDO to high impedance. In this
mode, CNV must be held high during the conversion phase and
the subsequent data readback (if SDI and CNV are low, SDO is
driven low). Prior to the minimum conversion time, SDI could
be used to select other SPI devices, such as analog multiplexers,
but SDI must be returned low before the minimum conversion
time and held low until the maximum conversion time to
guarantee the generation of the BUSY signal indicator. When
the conversion is complete, SDO goes from high impedance to
low. With a pull-up on the SDO line, this transition can be used
as an interrupt signal to initiate the data readback controlled by
the digital host. The AD7685 then enters the acquisition phase
and powers down. The data bits are then clocked out, MSB first,
by subsequent SCK falling edges. The data is valid on both SCK
edges. Although the rising edge can be used to capture the data,
a digital host using the SCK falling edge will allow a faster
reading rate provided it has an acceptable hold time. After the
optional 17th SCK falling edge, or SDI going high, whichever is
earlier, the SDO returns to high impedance.
DATA IN
IRQ
CLK
CONVERT
CS1
VIO
DIGITAL HOST
47kΩ
CNV
SCK
SDO
SDI
AD7685
Figure 40. CS Mode 4-Wire with BUSY Indicator Connection Diagram
SDO
D15
D14
D1
D0
tDIS
SCK
1
2
3
151617
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
SDI
CNV
tSSDICNV
tHSDICNV
Figure 41. CS Mode 4-Wire with BUSY Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com