Electronic Components Datasheet Search
  English  ▼

X  

AD8022 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8022
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8022 Datasheet HTML 19Page - Analog Devices AD8022 Datasheet HTML 20Page - Analog Devices AD8022 Datasheet HTML 21Page - Analog Devices AD8022 Datasheet HTML 22Page - Analog Devices AD8022 Datasheet HTML 23Page - Analog Devices AD8022 Datasheet HTML 24Page - Analog Devices AD8022 Datasheet HTML 25Page - Analog Devices AD8022 Datasheet HTML 26Page - Analog Devices AD8022 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD7685
Rev. C | Page 23 of 28
CHAIN MODE WITH BUSY INDICATOR
This mode can also be used to daisy chain multiple AD7685s on
a 3-wire serial interface while providing a BUSY indicator. This
feature is useful for reducing component count and wiring
connections, for example, in isolated multiconverter applications or
for systems with a limited interfacing capacity. Data readback is
analogous to clocking a shift register.
A connection diagram example using three AD7685s is shown
in Figure 44, and the corresponding timing is given in Figure 45.
When SDI and CNV are low, SDO is driven low. With SCK
high, a rising edge on CNV initiates a conversion, selects the
chain mode, and enables the BUSY indicator feature. In this
mode, CNV is held high during the conversion phase and the
subsequent data readback. When all ADCs in the chain have
completed their conversions, the near-end ADC (ADC C in
Figure 44) SDO is driven high. This transition on SDO can be
used as a BUSY indicator to trigger the data readback controlled
by the digital host. The AD7685 then enters the acquisition
phase and powers down. The data bits stored in the internal
shift register are then clocked out, MSB first, by subsequent
SCK falling edges. For each ADC, SDI feeds the input of the
internal shift register and is clocked by the SCK falling edge.
Each ADC in the chain outputs its data MSB first, and 16 × N + 1
clocks are required to readback the N ADCs. Although the
rising edge can be used to capture the data, a digital host also
using the SCK falling edge allows a faster reading rate and,
consequently, more AD7685s in the chain, provided the digital
host has an acceptable hold time. For instance, with a 5 ns
digital host setup time and 3 V interface, up to eight AD7685s
running at a conversion rate of 220 kSPS can be daisy-chained
to a single 3-wire port.
CLK
CONVERT
DATA IN
IRQ
DIGITAL HOST
CNV
SCK
SDO
SDI
AD7685
C
CNV
SCK
SDO
SDI
AD7685
A
CNV
SCK
SDO
SDI
AD7685
B
Figure 44. Chain Mode with BUSY Indicator Connection Diagram
SDOA = SDIB
DA15 DA14 DA13
SCK
12
3
35
47
48
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
CNV = SDIA
DA1
415
tSCK
tSCKH
tSCKL
DA0
17
34
16
SDOB = SDIC
DB15 DB14 DB13
DA1
DB1DB0DA15 DA14
49
tSSDISCK
tHSDISCK
tHSDO
tDSDO
SDOC
DC15 DC14 DC13
DA1DA0
DC1DC0DA14
19
31
32
18
33
DB1DB0DA15
DB15 DB14
tDSDOSDI
tSSCKCNV
tHSCKCNV
DA0
tDSDOSDI
tDSDOSDI
tDSDOSDI
tDSDOSDI
Figure 45. Chain Mode with BUSY Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com