Electronic Components Datasheet Search
  English  ▼

X  

AD8519 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8519
Description  16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8519 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8519 Datasheet HTML 20Page - Analog Devices AD8519 Datasheet HTML 21Page - Analog Devices AD8519 Datasheet HTML 22Page - Analog Devices AD8519 Datasheet HTML 23Page - Analog Devices AD8519 Datasheet HTML 24Page - Analog Devices AD8519 Datasheet HTML 25Page - Analog Devices AD8519 Datasheet HTML 26Page - Analog Devices AD8519 Datasheet HTML 27Page - Analog Devices AD8519 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD7685
Rev. C | Page 24 of 28
APPLICATION HINTS
LAYOUT
The printed circuit board (PCB) that houses the AD7685
should be designed so that the analog and digital sections are
separated and confined to certain areas of the board. The
pinout of the AD7685 with all its analog signals on the left side
and all its digital signals on the right side eases this task.
Avoid running digital lines under the device because these
couple noise onto the die, unless a ground plane under the
AD7685 is used as a shield. Fast switching signals, such as CNV
or clocks, should never run near analog signal paths. Crossover
of digital and analog signals should be avoided
At least one ground plane should be used. It could be common
or split between the digital and analog section. In the latter case,
the planes should be joined underneath the AD7685.
The AD7685 voltage reference input REF has a dynamic input
impedance and should be decoupled with minimal parasitic
inductances. This is done by placing the reference decoupling
ceramic capacitor close to, and ideally right up against, the REF
and GND pins and connected with wide, low impedance traces.
Finally, the power supplies VDD and VIO should be decoupled
with ceramic capacitors, typically 100 nF, placed close to the
AD7685 and connected using short and wide traces to provide
low impedance paths and to reduce the effect of glitches on the
power supply lines.
An example layout following these rules is shown in Figure 46
and Figure 47.
EVALUATING THE PERFORMANCE OF THE AD7685
Other recommended layouts for the AD7690 are outlined in
the documentation of the evaluation board (EVAL-AD7685CB).
The evaluation board package includes a fully assembled and
tested evaluation board, documentation, and software for
controlling the board from a PC via the universal evaluation
control board (EVAL-CONTROL BRD3).
Figure 46. Example of Layout of the AD7685 (Top Layer)
Figure 47. Example of Layout of the AD7685 (Bottom Layer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com