Electronic Components Datasheet Search
  English  ▼

X  

LM2576BT Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # LM2576BT
Description  52kHz Simple 3A Buck Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2576BT Datasheet(HTML) 2 Page - Micrel Semiconductor

  LM2576BT Datasheet HTML 1Page - Micrel Semiconductor LM2576BT Datasheet HTML 2Page - Micrel Semiconductor LM2576BT Datasheet HTML 3Page - Micrel Semiconductor LM2576BT Datasheet HTML 4Page - Micrel Semiconductor LM2576BT Datasheet HTML 5Page - Micrel Semiconductor LM2576BT Datasheet HTML 6Page - Micrel Semiconductor LM2576BT Datasheet HTML 7Page - Micrel Semiconductor LM2576BT Datasheet HTML 8Page - Micrel Semiconductor LM2576BT Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M9999-082605-B
2
August 2005
LM2576
Micrel, Inc.
Part Number‡
Temperature
Standard
RoHS Compliant**
Range
Package
LM2576BT*†
LM2576WT*†
–40
°C to +85°C
TO-220-5
LM2576-3.3BT†
LM2576-3.3WT†
–40
°C to +85°C
TO-220-5
LM2576-5.0BT†
LM2576-5.0WT†
–40
°C to +85°C
TO-220-5
LM2576-12BT†
LM2576-12WT†
–40
°C to +85°C
TO-220-5
LM2576BU*
LM2576WU*
–40
°C to +85°C
TO-263-5
LM2576-3.3BU
LM2576-3.3WU
–40
°C to +85°C
TO-263-5
LM2576-5.0BU
LM2576-5.0WU
–40
°C to +85°C
TO-263-5
LM2576-12BU
LM2576-12WU
–40
°C to +85°C
TO-263-5
* Adjustable output regulators.
**RoHS compliant with "hot-melting solder" exemption.
† Contact factory for bent or staggered leads option.
Pin Configurations
GND
5- ON/OFF
4- FEEDBACK
3- GROUND
2- OUTPUT
1- VIN
5-LEAD TO-263 (U)
GND
5- ON/OFF
4- FEEDBACK
3- GROUND
2- OUTPUT
1- VIN
5-LEAD TO-220 (T)
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com