| Electronic Components Datasheet Search |
|
AD7712AR Datasheet(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7712AR Datasheet(HTML) 21 Page - Analog Devices |
|
21 / 28 page ![]() REV. F AD7712 –21– Write Operation Data can be written to either the control register or calibration registers. In either case, the write operation is not affected by the DRDY line, and the write operation does not have any effect on the status of DRDY. A write operation to the control register or the calibration register must always write 24 bits to the respective register. Figure 12 shows a write operation to the AD7712. A0 deter- mines whether a write operation transfers data to the control register or to the calibration registers. This A0 signal must remain valid for the duration of the serial write operation. The falling edge of TFS enables the internally generated SCLK output. The serial data to be loaded to the AD7712 must be valid on the rising edge of this SCLK signal. Data is clocked into the AD7712 on the rising edge of the SCLK signal, with the MSB transferred first. On the last active high time of SCLK, the LSB is loaded to the AD7712. Subsequent to the next falling edge of SCLK, the SCLK output is turned off. (The timing diagram of Figure 12 assumes a pull-up resistor on the SCLK line.) External Clocking Mode The AD7712 is configured for its external clocking mode by tying the MODE pin low. In this mode, SCLK of the AD7712 is configured as an input, and an external serial clock must be provided to this SCLK pin. This external clocking mode is designed for direct interface to systems that provide a serial clock output that is synchronized to the serial data output, including microcontrollers such as the 80C51, 87C51, 68HC11, and 68HC05 and most digital signal processors. Read Operation As with the self-clocking mode, data can be read from either the output register, the control register, or the calibration registers. A0 determines whether the data read accesses data from the control register or from the output/calibration registers. This A0 signal must remain valid for the duration of the serial read operation. With A0 high, data is accessed from either the output register or from the calibration registers. With A0 low, data is accessed from the control register. The function of the DRDY line is dependent on only the output update rate of the device and the reading of the output data register. DRDY goes low when a new data-word is available in the output data register. It is reset high when the last bit of data (either 16th bit or 24th bit) is read from the output register. If data is not read from the output register, the DRDY line will remain low. The output register will continue to be updated at the output update rate, but DRDY will not indicate this. A read from the device in this circumstance will access the most recent word in the output register. If a new data-word becomes avail- able to the output register while data is being read from the output register, DRDY will not indicate this, and the new data- word will be lost to the user. DRDY is not affected by reading from the control register or the calibration register. Data can be accessed from the output data register only when DRDY is low. If RFS goes low while DRDY is high, no data transfer will take place. DRDY does not have any effect on reading data from the control register or from the calibration registers. Figures 13a and 13b show timing diagrams for reading from the AD7712 in the external clocking mode. Figure 13a shows a situation where all the data is read from the AD7712 in one read operation. Figure 13b shows a situation where the data is read from the AD7712 over a number of read operations. Both read operations show a read from the AD7712’s output data register. Reads from the control register and calibration registers are similar, but, in these cases, the DRDY line is not related to the read function. Depending on the output update rate, it can go low at any stage in the control/calibration register read cycle without affecting the read, and its status should be ignored. A read operation from either the control or calibration registers must always read 24 bits of data from the respective register. SDATA (O) SCLK (O) TFS (I) A0 (I) MSB LSB t15 t16 t17 t18 t19 t14 t9 t10 Figure 12. Self-Clocking Mode, Control/Calibration Register Write Operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |