Electronic Components Datasheet Search
  English  ▼

X  

AD8656ARZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD8656ARZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8656ARZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8656ARZ Datasheet HTML 12Page - Analog Devices AD8656ARZ Datasheet HTML 13Page - Analog Devices AD8656ARZ Datasheet HTML 14Page - Analog Devices AD8656ARZ Datasheet HTML 15Page - Analog Devices AD8656ARZ Datasheet HTML 16Page - Analog Devices AD8656ARZ Datasheet HTML 17Page - Analog Devices AD8656ARZ Datasheet HTML 18Page - Analog Devices AD8656ARZ Datasheet HTML 19Page - Analog Devices AD8656ARZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD8655/AD8656
Rev. D | Page 17 of 20
THD Readings vs. Common-Mode Voltage
Total harmonic distortion of the AD8655/AD8656 is well below
0.0007% with a load of 1 kΩ. This distortion is a function of the
circuit configuration, the voltage applied, and the layout, in
addition to other factors.
+
–
VIN
RL
VOUT
+2.5V
–2.5V
AD8655
Figure 59. THD + N Test Circuit
1.0
0.1
0.01
0.001
0.0001
20
100
1k
10k
80k
50
500
5k
50k
200
2k
20k
Hz
0.5
0.05
0.005
0.0005
0.2
0.02
0.002
0.0002
SWEEP 1:
VIN = 2V p-p
RL = 10kΩ
SWEEP 2:
VIN = 2V p-p
RL = 1kΩ
SWEEP 1
SWEEP 2
Figure 60. THD + Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com