Electronic Components Datasheet Search
  English  ▼

X  

ADP1111ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1111ARZ
Description  Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1111ARZ Datasheet(HTML) 1 Page - Analog Devices

  ADP1111ARZ Datasheet HTML 1Page - Analog Devices ADP1111ARZ Datasheet HTML 2Page - Analog Devices ADP1111ARZ Datasheet HTML 3Page - Analog Devices ADP1111ARZ Datasheet HTML 4Page - Analog Devices ADP1111ARZ Datasheet HTML 5Page - Analog Devices ADP1111ARZ Datasheet HTML 6Page - Analog Devices ADP1111ARZ Datasheet HTML 7Page - Analog Devices ADP1111ARZ Datasheet HTML 8Page - Analog Devices ADP1111ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP1111
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
Micropower, Step-Up/Step-Down SW
Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
FUNCTIONAL BLOCK DIAGRAMS
DRIVER
ILIM
SW1
SW2
VIN
GND
SET
A0
GAIN BLOCK/
ERROR AMP
COMPARATOR
A1
A2
FB
1.25V
REFERENCE
OSCILLATOR
ADP1111
DRIVER
ILIM
SW1
SW2
VIN
GND
SET
A0
GAIN BLOCK/
ERROR AMP
COMPARATOR
A1
A2
SENSE
1.25V
REFERENCE
OSCILLATOR
ADP1111-5
ADP1111-12
R1
R2 220k
FEATURES
Operates from 2 V to 30 V Input Voltage Range
72 kHz Frequency Operation
Utilizes Surface Mount Inductors
Very Few External Components Required
Operates in Step-Up/Step-Down or Inverting Mode
Low Battery Detector
User Adjustable Current Limit
Internal 1 A Power Switch
Fixed or Adjustable Output Voltage
8-Pin DIP or SO-8 Package
APPLICATIONS
3 V to 5 V, 5 V to 12 V Step-Up Converters
9 V to 5 V, 12 V to 5 V Step-Down Converters
Laptop and Palmtop Computers
Cellular Telephones
Flash Memory VPP Generators
Remote Controls
Peripherals and Add-On Cards
Battery Backup Supplies
Uninterruptible Supplies
Portable Instruments
GENERAL DESCRIPTION
The ADP1111 is part of a family of step-up/step-down switch-
ing regulators that operates from an input voltage supply of 2 V
to 12 V in step-up mode and up to 30 V in step-down mode.
The ADP1111 can be programmed to operate in step-up/step-
down or inverting applications with only 3 external components.
The fixed outputs are 3.3 V, 5 V and 12 V; and an adjustable
version is also available. The ADP1111 can deliver 100 mA at
5 V from a 3 V input in step-up mode, or it can deliver 200 mA
at 5 V from a 12 V input in step-down mode.
Maximum switch current can be programmed with a single
resistor, and an open collector gain block can be arranged in
multiple configuration for low battery detection, as a post linear
regulator, undervoltage lockout, or as an error amplifier.
If input voltages are lower than 2 V, see the ADP1110.
REV. A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1996–2009 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADP1111ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1111ARZ AD-ADP1111ARZ Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ARZ-12 AD-ADP1111ARZ-12 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ARZ-12-REEL AD-ADP1111ARZ-12-REEL Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ARZ-3.3 AD-ADP1111ARZ-3.3 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP1111ARZ-5 AD-ADP1111ARZ-5 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results

Similar Description - ADP1111ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1108 AD-ADP1108 Datasheet
234Kb / 12P
Micropower DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1110 AD-ADP1110 Datasheet
418Kb / 16P
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP1111 AD-ADP1111 Datasheet
406Kb / 16P
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
ADP3000 AD-ADP3000 Datasheet
342Kb / 12P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
REV.0
ADP1111ANZ AD-ADP1111ANZ Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
ADP3000AN-33 AD-ADP3000AN-33 Datasheet
650Kb / 16P
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
REV. A
ADP1108 AD-ADP1108_15 Datasheet
241Kb / 12P
Micropower, DC-DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1110 AD-ADP1110_15 Datasheet
426Kb / 16P
Micropower, Step-Up/Step-Down Switching Regulator Adjustable and Fixed 5 V, 12 V
REV. 0
ADP1111 AD-ADP1111_15 Datasheet
322Kb / 15P
Micropower, Step-Up/Step-Down SW Regulator Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com