Electronic Components Datasheet Search
  English  ▼

X  

ADuM6000ARWZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADuM6000ARWZ
Description  Isolated, 5 kV, DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM6000ARWZ Datasheet(HTML) 2 Page - Analog Devices

  ADuM6000ARWZ Datasheet HTML 1Page - Analog Devices ADuM6000ARWZ Datasheet HTML 2Page - Analog Devices ADuM6000ARWZ Datasheet HTML 3Page - Analog Devices ADuM6000ARWZ Datasheet HTML 4Page - Analog Devices ADuM6000ARWZ Datasheet HTML 5Page - Analog Devices ADuM6000ARWZ Datasheet HTML 6Page - Analog Devices ADuM6000ARWZ Datasheet HTML 7Page - Analog Devices ADuM6000ARWZ Datasheet HTML 8Page - Analog Devices ADuM6000ARWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADuM6000
Data Sheet
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—5 V Primary Input Supply/5 V
Secondary Isolated Supply .......................................................... 3
Electrical Characteristics—3.3 V Primary Input Supply/3.3 V
Secondary Isolated Supply .......................................................... 3
Electrical Characteristics—5 V Primary Input Supply/3.3 V
Secondary Isolated Supply .......................................................... 4
Package Characteristics ............................................................... 4
Regulatory Information............................................................... 5
Insulation and Safety-Related Specifications............................ 5
DIN V VDE V 0884-10 (VDE V 0884-10) and IEC 60747-5-2
(VDE 0884 Part 2):2003-01 Insulation Characteristics........... 6
Recommended Operating Conditions .......................................7
Absolute Maximum Ratings ............................................................8
ESD Caution...................................................................................8
Pin Configuration and Function Descriptions..............................9
Typical Performance Characteristics ........................................... 10
Applications Information .............................................................. 12
PCB Layout ................................................................................. 12
Start-Up Behavior....................................................................... 12
EMI Considerations................................................................... 13
Thermal Analysis ....................................................................... 13
Current Limit and Thermal Overload Protection ................. 13
Power Considerations................................................................ 13
Increasing Available Power ....................................................... 14
Insulation Lifetime ..................................................................... 15
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
7/13—Rev. C to Rev. D
Changed RI-16-1 Package to RI-16-2 Package (Throughout) ... 1
Changes to Table 8 and Figure 2..................................................... 6
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 16
5/12—Rev. B to Rev. C
Created Hyperlink for Safety and Regulatory Approvals
Entry in Features Section................................................................. 1
Changes to Ordering Guide .......................................................... 16
9/11—Rev. A to Rev. B
Change to Features Section ............................................................. 1
Changes to Table 6............................................................................ 5
9/11—Rev. 0 to Rev. A
Changes to Features and Applications Sections ........................... 1
Changes to Table 6 and Table 7....................................................... 5
Changes to DIN V VDE V 0844-10 (VDE V 0884-10) and
IEC 60747-5-2 (VDE 0884 Part 2):2003-01 Insulation
Characteristics Section..................................................................... 6
Changes to Table 11.......................................................................... 8
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 16
10/10—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com