Electronic Components Datasheet Search
  English  ▼

X  

1008LS Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1008LS
Description  Lower DCR than other 1008 inductors, Ferrite construction for high current handling
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008LS Datasheet(HTML) 1 Page - Coilcraft lnc.

  1008LS_13 Datasheet HTML 1Page - Coilcraft lnc. 1008LS_13 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Chip Inductors– 1008LS (2520)
Document 103-1
Document 103-1 Revised 01/18/12
Inductance2
Percent
SRF min4
DCR max5
Irms6
Part number1
(µH)
tolerance
Q min3
(MHz)
(Ohms)
(mA)
1008LS-102XJL_
1.0 @ 7.9 MHz
5
48 @ 50 MHz
230
0.62
700
1008LS-122XJL_
1.2 @ 7.9 MHz
5
37 @ 50 MHz
210
0.68
650
1008LS-152XJL_
1.5 @ 7.9 MHz
5
37 @ 50 MHz
190
0.76
630
1008LS-182XJL_
1.8 @ 7.9 MHz
5
37 @ 50 MHz
170
0.84
600
1008LS-222XJL_
2.2 @ 7.9 MHz
5
37 @ 50 MHz
150
1.10
520
1008LS-272XJL_
2.7 @ 7.9 MHz
5
37 @ 50 MHz
135
1.28
490
1008LS-332XJL_
3.3 @ 7.9 MHz
5
37 @ 50 MHz
120
1.46
450
1008LS-392XJL_
3.9 @ 7.9 MHz
5
37 @ 7.9 MHz
105
1.56
420
1008LS-432XJL_
4.3 @ 7.9 MHz
5
30 @ 7.9 MHz
85
1.70
400
1008LS-472XJL_
4.7 @ 7.9 MHz
5
32 @ 7.9 MHz
90
1.68
400
1008LS-502XJL_
5.0 @ 7.9 MHz
5
25 @ 7.9 MHz
30
2.20
360
1008LS-562XJL_
5.6 @ 7.9 MHz
5
37 @ 7.9 MHz
80
1.82
380
1008LS-622XJL_
6.2 @ 7.9 MHz
5
32 @ 7.9 MHz
75
2.50
330
1008LS-682XJL_
6.8 @ 7.9 MHz
5
37 @ 7.9 MHz
70
2.00
360
1008LS-822XJL_
8.2 @ 7.9 MHz
5
37 @ 7.9 MHz
65
2.65
330
1008LS-912XJL_
9.1 @ 7.9 MHz
5
37 @ 7.9 MHz
57
2.90
310
1008LS-103XJL_
10 @ 7.9 MHz
5
37 @ 7.9 MHz
60
2.95
300
1008LS-123XJL_
12 @ 2.5 MHz
5
28 @ 2.5 MHz
38
3.30
290
1008LS-153XJL_
15 @ 2.5 MHz
5
34 @ 2.5 MHz
30
3.70
280
1008LS-183XJL_
18 @ 2.5 MHz
5
28 @ 2.5 MHz
26
4.00
160
1008LS-223XJL_
22 @ 2.5 MHz
5
20 @ 2.5 MHz
22
6.14
270
1008LS-273XJL_
27 @ 2.5 MHz
5
24 @ 2.5 MHz
12
6.45
210
1008LS-333XJL_
33 @ 2.5 MHz
5
22 @ 2.5 MHz
19
7.00
200
1008LS-393XJL_
39 @ 2.5 MHz
5
33 @ 2.5 MHz
26
10.0
170
1008LS-473XJL_
47 @ 2.5 MHz
5
20 @ 2.5 MHz
12
10.7
160
1008LS-563XJL_
56 @ 2.5 MHz
5
20 @ 2.5 MHz
8.0
10.0
170
1008LS-683XJL_
68 @ 0.79 MHz
5
14 @ 0.79 MHz
5.7
13.5
145
1008LS-104XJL_
100 @ 0.79 MHz
5
13 @ 0.79 MHz
4.5
20.5
120
1. When ordering, please specify
termination and packaging codes:
1008LS-103XJLC
Termination: L =RoHS compliant silver-palladium-platinum-glass frit.
E=Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit terminations.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: C=7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B=Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D=13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 parts per
full reel).
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286A impedance analyzer with Coilcraft-provided correlation pieces.
3. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
4. SRF measured using an Agilent/HP 8753D network analyzer with a
Coilcraft SMD-D fixture.
5. DCR measured on a Cambridge Technology Micro-ohmmeter.
6. Current that causes a 15°C temperature rise from 25°C. Because of
their open construction, these parts will not saturate.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
For part marking data visit http://www.coilcraft.com/colrcode.cfm.
•LowerDCRthanother1008inductors
•Ferriteconstructionforhighcurrenthandling
•Inductancevalues:1.0–100µH
Designer’s Kit C336 contains 10 of each stocked value
Core material Ceramic/Ferrite
Environmental RoHS compliant, halogen free optional
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 38.3–41.0mg
Ambient temperature –40°Cto+85°CwithIrmscurrent,+85°Cto
+100°Cwithderatedcurrent
Storage temperature Component:–40°Cto+100°C.
Tapeandreelpackaging:–40°Cto+80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C,partscooledtoroomtemperaturebetweencycles
Temperature Coefficient of Inductance (TCL) +100to+350ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel. Plastic tape: 8 mm wide,
0.3 mm thick, 4 mm pocket spacing, 2.0 mm pocket depth
PCB washing Only pure water or alcohol recommended
Request free evaluation samples by contacting Coilcraft
or visiting
www.coilcraft.com.


Similar Part No. - 1008LS_13

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008LS-102XJL COILCRAFT-1008LS-102XJL Datasheet
100Kb / 2P
Chip Inductors -1008LS (2520)
1008LS-102XJL COILCRAFT-1008LS-102XJL Datasheet
100Kb / 2P
Chip Inductors ??1008LS
1008LS-102XJL COILCRAFT-1008LS-102XJL Datasheet
100Kb / 2P
Chip Inductors ??1008LS
1008LS-102XJL COILCRAFT-1008LS-102XJL Datasheet
100Kb / 2P
Chip Inductors ??1008LS
1008LS-102XJLC COILCRAFT-1008LS-102XJLC Datasheet
151Kb / 2P
Chip Inductors - 1008LS (2520)
More results

Similar Description - 1008LS_13

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FS1008 PREMO-FS1008 Datasheet
150Kb / 1P
Ferrite Chip Inductor 1008 High L
logo
Coilcraft lnc.
0402HL COILCRAFT-0402HL Datasheet
301Kb / 2P
Higher inductance values than other 0402 ceramic chip inductors
0603HP COILCRAFT-0603HP_12 Datasheet
150Kb / 2P
Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz
1008PS COILCRAFT-1008PS_12 Datasheet
250Kb / 2P
Higher SRF than our other power inductors, High inductance with tight tolerance
1812LS COILCRAFT-1812LS_12 Datasheet
177Kb / 2P
Highest inductance values of all our chip inductors, Ferrite construction for high current handling
LPS3015 COILCRAFT-LPS3015_11 Datasheet
295Kb / 2P
Very low DCR; excellent current handling, Miniature 3.0 횞 3.0 mm footprint; less than 1.5 mm tall
LPS4018 COILCRAFT-LPS4018_12 Datasheet
204Kb / 2P
Very low DCR; excellent current handling, 4.0 횞 4.0 mm footprint; less than 1.8 mm tall
logo
Accetek Electronics (Sh...
1MB ACCETEK-1MB Datasheet
300Kb / 6P
Shielded Construction with low DCR
logo
Coilcraft lnc.
SER2900 COILCRAFT-SER2900 Datasheet
418Kb / 4P
Extremely low DCR; Current handling to >100 Amps
logo
Ohmite Mfg. Co.
RES-14984 OHMITE-RES-14984 Datasheet
128Kb / 1P
Available for ohmic values other than those listed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com