Electronic Components Datasheet Search
  English  ▼

X  

RT9284APB Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9284APB
Description  Maximum Output Voltage up to 20V, Dimming with Zero-inrush and Wide Frequency Range of 100 to 100kHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284APB Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9284APB Datasheet HTML 1Page - Richtek Technology Corporation RT9284APB Datasheet HTML 2Page - Richtek Technology Corporation RT9284APB Datasheet HTML 3Page - Richtek Technology Corporation RT9284APB Datasheet HTML 4Page - Richtek Technology Corporation RT9284APB Datasheet HTML 5Page - Richtek Technology Corporation RT9284APB Datasheet HTML 6Page - Richtek Technology Corporation RT9284APB Datasheet HTML 7Page - Richtek Technology Corporation RT9284APB Datasheet HTML 8Page - Richtek Technology Corporation RT9284APB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
RT9284A/B
DS9284A/B-07 April 2011
www.richtek.com
Pin Configurations
Applications
Camera Flash White LED
Mobile Phone, Smart Phone LED Backlight
PDA LED Backlight
Digital Still Camera
Camcorder
Tiny Package, High Performance, Constant Current
Switching Regulator for White LED
Ordering Information
TOP VIEW
Features
VIN Operating Range : 2.7V to 5.5V
Maximum Output Voltage up to 20V
Dimming with Zero-inrush and Wide Frequency
Range of 100 to 100kHz
Over Voltage Protection
Output Current up to 100mA at VOUT : 12V
Zero Shutdown Supply Current
Minimize the External Component
Small LC Filter
Internal Soft Start
RoHS Compliant and 100% Lead (Pb)-Free
General Description
The RT9284A/B is a compact, high efficient and high
integration LED driver. Internal 22V MOSFET can support
2 to 5 White LEDs for backlighting and camera flashing.
Highly integration and internal compensation network
minimizes as 5 external component counts. Optimized
operation frequency can meet the requirement of small
LC filters value and low operation current with high
efficiency. Internal soft start function can reduce the inrush
current. Tiny package type of TSOT-23-5 and TSOT-23-6
packages provide the best solution for PCB space saving
and total BOM cost.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
TSOT-23-6
TSOT-23-5
LX GND FB
VDD
EN
4
23
5
LX GND FB
VDD OVP EN
4
23
5
6
RT9284
Package Type
J5 : TSOT-23-5
J6 : TSOT-23-6
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
OVP Voltage
15 : 15V
20 : 20V
(
)
FB Voltage
A : 1.235V
B : 0.25V
-


Similar Part No. - RT9284APB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284APB RICHTEK-RT9284APB Datasheet
261Kb / 14P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
More results

Similar Description - RT9284APB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
458J ETC1-458J Datasheet
52Kb / 1P
High Accuracy, 100kHz and 1MHz Voltage to Frequency Converters
logo
Advanced Crystal Techno...
ACTSPXO08 ACT-ACTSPXO08 Datasheet
58Kb / 1P
Wide Frequency Range up to 160MHz
17/08/04
logo
Intronics Power, Inc.
458 INTRONICS-458 Datasheet
854Kb / 4P
High Accuracy, 100kHz and 1MHz Voltage to Frequency Converterss
logo
QUARTZCOM the communica...
TXO-P9-H-6P QUARTZCOM-TXO-P9-H-6P Datasheet
199Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
logo
Hi-Sincerity Mocroelect...
H177 HSMC-H177 Datasheet
207Kb / 6P
Wide range of supply voltage: 3.5V to 28V.
logo
EUROQUARTZ limited
CX11SM EUROQUARTZ-CX11SM Datasheet
117Kb / 1P
Frequency Range 32.768kHz and 100kHz to 180kHz
logo
Texas Instruments
LMR14203 TI-LMR14203 Datasheet
804Kb / 16P
Input Voltage Range of 4.5V to 42V, Output Voltage Range of 0.765V to 34V
LMR62014 TI-LMR62014 Datasheet
1Mb / 22P
Input Voltage Range of 2.7V to 14V, Output Voltage up to 20V
LMR12010XMKE-NOPB TI-LMR12010XMKE-NOPB Datasheet
1Mb / 25P
Input Voltage Range of 3V to 20V, Output Voltage Range of 0.8V to 17V
logo
TXC Corporation.
7B-SERIES TXC-7B-SERIES Datasheet
1,010Kb / 1P
High precision characteristics covering up to wide frequency range.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com