Electronic Components Datasheet Search
  English  ▼

X  

OPA2211AI Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA2211AI
Description  1.1nV/?숰z Noise, Low Power, Precision Operational Amplifier in Small DFN-8 Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2211AI Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2211AI Datasheet HTML 5Page - Texas Instruments OPA2211AI Datasheet HTML 6Page - Texas Instruments OPA2211AI Datasheet HTML 7Page - Texas Instruments OPA2211AI Datasheet HTML 8Page - Texas Instruments OPA2211AI Datasheet HTML 9Page - Texas Instruments OPA2211AI Datasheet HTML 10Page - Texas Instruments OPA2211AI Datasheet HTML 11Page - Texas Instruments OPA2211AI Datasheet HTML 12Page - Texas Instruments OPA2211AI Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
1
100
-100
V
(V)
CM
35
75
5
10
15
20
25
30
0
-75
50
25
-25
-50
Common-ModeRange
V =36V
3TypicalUnitsShown
S
2.25
150
-150
V ( V)
±
S
18
4
6
100
8
10
50
12
14
16
-IB
+I
B
Unit1
Unit2
Unit3
3TypicalUnitsShown
0
-50
-100
-75
6
0
Temperature( C)
°
200
2
-50 -25
0
3
4
5
25
75
50
1
100 125 150 175
1
150
-150
V
(V)
CM
35
5
10
100
15
20
25
30
0
-100
50
-50
Common-ModeRange
-IB
+I
B
Unit1
Unit2
Unit3
V =36V
3TypicalUnitsShown
S
0
4.0
0
V (V)
S
36
2.0
4
8
12
2.5
3.0
3.5
16
24
20
1.5
1.0
0.5
28
32
0
0.05
-0.30
Time(s)
600
-0.15
60
120
180
-0.10
-0.05
0
240
360
300
-0.20
-0.25
420
480
540
Averageof10TypicalUnits
OPA211
OPA2211
www.ti.com...................................................................................................................................................... SBOS377G – OCTOBER 2006 – REVISED MAY 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, and RL = 10kΩ, unless otherwise noted.
INPUT OFFSET CURRENT vs COMMON-MODE VOLTAGE
INPUT BIAS CURRENT vs SUPPLY VOLTAGE
Figure 19.
Figure 20.
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
QUIESCENT CURRENT vs TEMPERATURE
Figure 21.
Figure 22.
QUIESCENT CURRENT vs
NORMALIZED QUIESCENT CURRENT
SUPPLY VOLTAGE
vs TIME
Figure 23.
Figure 24.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA211 OPA2211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com