Electronic Components Datasheet Search
  English  ▼

X  

BZX85C Datasheet(PDF) 1 Page - Kingtronics International Company

Part # BZX85C
Description  BZX85C Silicon Planar Power Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

BZX85C Datasheet(HTML) 1 Page - Kingtronics International Company

  BZX85C Datasheet HTML 1Page - Kingtronics International Company BZX85C Datasheet HTML 2Page - Kingtronics International Company BZX85C Datasheet HTML 3Page - Kingtronics International Company BZX85C Datasheet HTML 4Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
BZX85C
Silicon Planar Power Zener Diodes
DO-41
FEATURES
For use in stabilizing and clipping circuits with high
power rating.
The Zener voltages are graded according to the
international E 24 standard. Other tolerances and
higher Zener voltages are upon request.
Glass case DO-41 Dimensions in mm
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Value
UNIT
Power Dissipation
Ptot
1.3 1)
W
Junction Temperature
Tj
200
℃
Storage Temperature Range
Tstg
- 55 to + 200
℃
1)
Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Characteristics at Ta = 25℃
Parameter
Symbol
Max.
UNIT
Thermal Resistance Junction to Ambient Air
RthA
130 1)
K/W
Forward Voltage
at IF = 200 mA
VF
1.2
V
1)
Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.


Similar Part No. - BZX85C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C VISHAY-BZX85C Datasheet
58Kb / 5P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Fairchild Semiconductor
BZX85C FAIRCHILD-BZX85C Datasheet
49Kb / 3P
Zeners
logo
EIC discrete Semiconduc...
BZX85C EIC-BZX85C Datasheet
18Kb / 2P
SILICON ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX85C TSC-BZX85C Datasheet
150Kb / 5P
Voltage Range 2.4 to 212 Volts 1.3Watts Power Dissipation
logo
TRANSYS Electronics Lim...
BZX85C TEL-BZX85C Datasheet
75Kb / 2P
SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX85C

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4729 SURGE-1N4729 Datasheet
84Kb / 2P
SILICON PLANAR POWER ZENER DIODES
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
Silicon Planar Power Zener Diodes
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
Silicon Planar Power Zener Diodes
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com