Electronic Components Datasheet Search
  English  ▼

X  

MRF313 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF313
Description  HIGH-FREQUENCY TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF313 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF313 Datasheet HTML 1Page - Motorola, Inc MRF313 Datasheet HTML 2Page - Motorola, Inc MRF313 Datasheet HTML 3Page - Motorola, Inc MRF313 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MRF313
MOTOROLA RF DEVICE DATA
The RF Line
NPN Silicon
High-Frequency Transistor
. . . designed for wideband amplifier, driver or oscillator applications in military,
mobile, and aircraft radio.
• Specified 28 Volt, 400 MHz Characteristics —
Output Power = 1.0 Watt
Power Gain = 15 dB Min
Efficiency = 45% Typ
• Emitter Ballast and Low Current Density for Improved MTBF
• Common Emitter for Improved Stability
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
30
Vdc
Collector–Base Voltage
VCBO
40
Vdc
Emitter–Base Voltage
VEBO
3.0
Vdc
Collector Current — Continuous
IC
150
mAdc
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
6.1
35
Watts
mW/
°C
Storage Temperature Range
Tstg
– 65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
28.5
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (IC = 10 mAdc, IB = 0)
V(BR)CEO
30
—
—
Vdc
Collector–Emitter Breakdown Voltage (IC = 5.0 mAdc, VBE = 0)
V(BR)CES
35
—
—
Vdc
Collector–Base Breakdown Voltage (IC = 0.1 mAdc, IE = 0)
V(BR)CBO
35
—
—
Vdc
Emitter–Base Breakdown Voltage (IE = 1.0 mAdc, IC = 0)
V(BR)EBO
3.0
—
—
Vdc
Collector Cutoff Current (VCE = 20 Vdc, IB = 0)
ICEO
—
—
1.0
mAdc
(continued)
Order this document
by MRF313/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF313
1.0 W, 400 MHz
HIGH–FREQUENCY
TRANSISTOR
NPN SILICON
CASE 305A–01, STYLE 1
© Motorola, Inc. 1994


Similar Part No. - MRF313

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF313 MACOM-MRF313 Datasheet
84Kb / 3P
HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor 1.0W, 400MHz, 28V
logo
Advanced Semiconductor
MRF313 ASI-MRF313 Datasheet
131Kb / 1P
NPN SILICON RF TRANSISTOR
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF313 MA-COM-MRF313_15 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
More results

Similar Description - MRF313

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
MRF586 ASI-MRF586 Datasheet
17Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com