Electronic Components Datasheet Search
  English  ▼

X  

HKT Datasheet(PDF) 1 Page - Kingtronics International Company

Part # HKT
Description  HKT Chip Capacitor ??SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

HKT Datasheet(HTML) 1 Page - Kingtronics International Company

  HKT Datasheet HTML 1Page - Kingtronics International Company HKT Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
HKT
Chip Capacitor – SMD
■Applications
HKT SMD is widely used in Analog & Digital Modems, LAN/WAN Interface, Lighting Ballast Circuits, Voltage Multipliers, DC-DC
Converter, Back-lighting Inverters.
Feature
 Small size
 Excellent Break down voltage, low DF
 RoHS compliant
 Suit to re-flow soldering, wave soldering, hand soldering
■Product Part Number Identification
1. HKT multilayer chip capacitor
HKT
1206
X7R
102
K
202
P
T
R
Part No
a
b
c
d
e
f
g
h
a. Size Code (Inches).
b. T.C. Characteristics: NPO(COG), X7R
c. Nominal Capacitance(pF):0R6=0.6,1R6=1.6,102=10X102,105=10X105
d. Tolerance:
A=±0.1pF, B=±0.2pF, C=±0.25pF, D=±0.5pF, F=±1%
G=±2%,
J=±5%,
K=±10%,
M=±20%, Z=+80%/-20%
e. Rated Voltage:
500=50V, 501=500V, 102=1000V, 502=5000V
f. Termination: P=Standard
g. Packaging Style: N=Bulk, T=Tape & Reel.
h. Pb: R=RoHS
■Structure and Dimension (Unit: Inches)
Structure
No
Name
1
Ceramic Dielectric
2
Inner Electrode
3
Silver Layer
4
Nickel Layer
5
Tin Layer
Dimensions (Unit: Inches)
Size
Length(L±0.1)
Width(W±0.1)
0603
0.06
0.03
0805
0.08
0.05
1206
0.12
0.06
1210
0.12
0.10
1808
0.18
0.08
1812
0.18
0.12
2220
0.22
0.20
2225
0.22
0.25
■Coefficient
Parameter
NPO (COG) Temperature Wave
X7R Temperature Wave
Operating Temperature Range
-55~+125℃
-55~+125℃
Temperature Coefficient
Dissipation Factor
DF≤0.15%
DF≤2.50%
Aging
None
≤2.5% decade hour
Insulation Resistance
≥100GΩ
≥500ΩF OR 50 GΩ
Dielectric Strength
Rated Voltage
Test VoltageTime
Ur=100V
2.5Ur
60±5S
200V≤Ur≤1000V
1.5Ur
60±5S
Ur>1000V
1.2Ur
60±5S


Similar Part No. - HKT

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HKT EATON-HKT Datasheet
204Kb / 1P
Panel-mount indicating fuse holder
logo
Shenzhen TOPWAY Technol...
HKT043ADA-C TOPWAY-HKT043ADA-C Datasheet
454Kb / 29P
LCD Module User Manual
HKT043ATA-1C TOPWAY-HKT043ATA-1C Datasheet
775Kb / 31P
LCD Module User Manual
HKT043ATA-2C TOPWAY-HKT043ATA-2C Datasheet
960Kb / 31P
LCD Module User Manual
HKT043ATA-C TOPWAY-HKT043ATA-C Datasheet
605Kb / 29P
LCD Module User Manual
More results

Similar Description - HKT

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
TS20 SUNTAN-TS20 Datasheet
827Kb / 1P
CHIP TANTALUM CAPACITOR - SMD
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
CKT KINGTRONICS-CKT Datasheet
235Kb / 2P
CKT Chip Tantalum Capacitor - SMD
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
Chip Tantalum Capacitor Low ESR. SMD
logo
Suntan Capacitors
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
CHIP TANTALUM CAPACITOR - SMD
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
CHIP TANTALUM CAPACITOR LOW ESR - SMD
TS18H SUNTAN-TS18H_17 Datasheet
233Kb / 8P
HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com