Electronic Components Datasheet Search
  English  ▼

X  

MKT Datasheet(PDF) 3 Page - Kingtronics International Company

Part # MKT
Description  Radial Multilayer Ceramic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

MKT Datasheet(HTML) 3 Page - Kingtronics International Company

  MKT Datasheet HTML 1Page - Kingtronics International Company MKT Datasheet HTML 2Page - Kingtronics International Company MKT Datasheet HTML 3Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
3
MKT
Radial Multilayer Ceramic Capacitors
■How To Order Of Radial Leads MLCC :
MKT
---
0805
Y
104
M
500
PF3
R
↓
↓
↓
↓
↓
↓
↓
↓
A
B
C
D
E
F
G
H
A:
Product Type
D:
Capacitance
First two digits
are
significant
third
digit
is
number of zeros.
For Example:
104=100000pF
5R6=5.6pF
F:
Rated Voltage
The code meaning is
same as capacitance.
For Example:
250=25V
500=50V
101=100V
B:
Unit : Inches
Cmos Chip Size (LxW)
Code
Chip
0805
0.08x0.05
1206
0.12x0.06
1210
0.12x0.10
1812
0.18x0.12
2225
0.22x0.25
3035
0.30x0.35
E:
Tolerance
B
±0.10pF
C
±0.25pF
D
±0.5pF
F
±1.0%
G
±2.0%
J
±5.0%
K
±10%
M
±20%
N
±30%
S
+50% -20%
Z
+80% -20%
P
+100% -0%
B.C.D for
C<10pF
NPO:
B.C.D.F.G.J.K.M.
X7R: K.M.S.Z.
Y5V: M.S.Z.P.
G:
Packaging Style
Ammo
PF1 2.54mm
PF3 5.08mm
Bulk
F1
2.54mm
F2
4.57mm
F3
5.08mm
F4
7.50mm
F5
3.50mm
H:
Pb
R
RoHS
C:
Dielectric
N
NPO
B
X7R
Y
Y5V
Note: Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com