Electronic Components Datasheet Search
  English  ▼

X  

W06 Datasheet(PDF) 16 Page - Kingtronics International Company

Part # W06
Description  BRIDGE RECTIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

W06 Datasheet(HTML) 16 Page - Kingtronics International Company

Back Button W06 Datasheet HTML 10Page - Kingtronics International Company W06 Datasheet HTML 11Page - Kingtronics International Company W06 Datasheet HTML 12Page - Kingtronics International Company W06 Datasheet HTML 13Page - Kingtronics International Company W06 Datasheet HTML 14Page - Kingtronics International Company W06 Datasheet HTML 15Page - Kingtronics International Company W06 Datasheet HTML 16Page - Kingtronics International Company W06 Datasheet HTML 17Page - Kingtronics International Company W06 Datasheet HTML 18Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
16
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
GBPC25005W
50
25.0
400
12.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC2501W
100
25.0
400
12.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC2502W
200
25.0
400
12.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC2504W
400
25.0
400
12.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC2506W
600
25.0
400
12.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC2508W
800
25.0
400
12.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC2510W
1000
25.0
400
12.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC35005W
50
35.0
400
17.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC3501W
100
35.0
400
17.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC3502W
200
35.0
400
17.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC3504W
400
35.0
400
17.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC3506W
600
35.0
400
17.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC3508W
800
35.0
400
17.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC3510W
1000
35.0
400
17.5
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC50005W
50
50.0
500
25
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC5001W
100
50.0
500
25
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC5002W
200
50.0
500
25
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC5004W
400
50.0
500
25
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC5006W
600
50.0
500
25
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC5008W
800
50.0
500
25
1.1
5.0
500
1.5
-55~+150
GBPC-W
GBPC5010W
1000
50.0
500
25
1.1
5.0
500
1.5
-55~+150
GBPC-W
BR15005L
50
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR1501L
100
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR1502L
200
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR1504L
400
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR1506L
600
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR1508L
800
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR1510L
1000
15.0
300
7.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR25005L
50
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR2501L
100
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR2502L
200
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
BR-L
BR2504L
400
25.0
400
12.5
1.1
5.0
500
1.5
-55~+125
BR-L
Note: Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com