Electronic Components Datasheet Search
  English  ▼

X  

ZMM1 Datasheet(PDF) 1 Page - Kingtronics International Company

Part # ZMM1
Description  ZMM1 THRU ZMM75 Silicon Epitaxial Planar Zener Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

ZMM1 Datasheet(HTML) 1 Page - Kingtronics International Company

  ZMM1 Datasheet HTML 1Page - Kingtronics International Company ZMM1 Datasheet HTML 2Page - Kingtronics International Company ZMM1 Datasheet HTML 3Page - Kingtronics International Company ZMM1 Datasheet HTML 4Page - Kingtronics International Company ZMM1 Datasheet HTML 5Page - Kingtronics International Company ZMM1 Datasheet HTML 6Page - Kingtronics International Company ZMM1 Datasheet HTML 7Page - Kingtronics International Company ZMM1 Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
ZMM1 THRU ZMM75
Silicon Epitaxial Planar Zener Diodes
Glass case MiniMELF Dimensions in mm
LL-34
in MiniMELF case especially for automatic insertion.
The Zener voltages are graded according to the
international E24 standard. Smaller voltage tolerances
and higher Zener voltages are upon request.
These diodes are also available in DO-35 case with
the type designation BZX55C...
Absolute Maximum Ratings (Ta = 25℃)
Parameter
SYMBOL
VALUE
UNIT
Power Dissipation
Ptot
500 1)
mW
Junction Temperature
Tj
175
℃
Storage Temperature Range
Tstg
- 55 to + 175
℃
1)
Valid provided that electrodes are kept at ambient temperature
Characteristics at Ta = 25℃
Parameter
SYMBOL
Max.
UNIT
Thermal Resistance Junction to Ambient Air
RthA
0.3 1)
K/mW
Forward Voltage
at IF = 100 mA
VF
1
V
1)
Valid provided that electrodes are kept at ambient temperature


Similar Part No. - ZMM1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM1 SEMTECH-ZMM1 Datasheet
594Kb / 8P
SILICON PLANAR POWER ZENER DIODES?
logo
Shanghai Lunsure Electr...
ZMM1 CHENYI-ZMM1 Datasheet
449Kb / 8P
0.5W SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
ZMM1 GOOD-ARK-ZMM1 Datasheet
627Kb / 8P
SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
ZMM1 DIOTEC-ZMM1 Datasheet
1Mb / 4P
Surface mount Silicon Planar Zener Diodes
More results

Similar Description - ZMM1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
Silicon Epitaxial Planar Zener Diodes
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
Silicon Epitaxial Planar Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com