Electronic Components Datasheet Search
  English  ▼

X  

MC44C401LAC Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC44C401LAC
Description  MC44C401L MTS Stereo Encoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44C401LAC Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC44C401LAC Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44C401LAC Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44C401LAC Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44C401LAC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44C401LAC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44C401LAC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44C401LAC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44C401LAC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44C401LAC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MTS Stereo Encoder, Rev. 0.5
4
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
I/O Description
4
I/O Description
4.1 Signal List
The Stereo Modulator I/O signals are described in Table 1.
Table 1. MC44C401L Signal Descriptions
Signal
Pin #
Description
Analog
VINL
9
Left channel input voltage
VREFP
4
ADC ref. input voltage
VAGO
3,6,10
Analog virtual ground
VREFM
5
ADC ref. input voltage
VINR
2
Right channel input voltage
CVBS
1
Composite video input
Digital
CA
15
Composite Audio Output
VID_PRES
17
Video present flag, 0 = no video, hi-z = video
present valid after 100 lines of valid video
NC
23,14,
13,12
No Connect
Clocks
XTALIN
28
Crystal input
XTALOUT
27
Crystal output
CLK4MHZ1
22
4 MHz clock for Audio/Video modulator IC
Power Supply
APLLVDD
30
APLL analog supply voltage, 1.8 V
APLLVSS
29
APLL analog ground
SSVDD
31
Sync Separator analog supply voltage, 3.3 V
SSVSS
32
Sync Separator analog ground
ADCVDD
7
ADC analog supply voltage, 3.3 V
ADCVSS
8
ADC analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com