Electronic Components Datasheet Search
  English  ▼

X  

MPC8315E Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC8315E
Description  MPC8315E PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
84
Freescale Semiconductor
Package and Pin Listings
PCI_AD[9]
F28
I/O
NVDD2_OFF
—
PCI_AD[10]
G25
I/O
NVDD2_OFF
—
PCI_AD[11]
F27
I/O
NVDD2_OFF
—
PCI_AD[12]
E27
I/O
NVDD2_OFF
—
PCI_AD[13]
E28
I/O
NVDD2_OFF
—
PCI_AD[14]
D28
I/O
NVDD2_OFF
—
PCI_AD[15]
D27
I/O
NVDD2_OFF
—
PCI_AD[16]
B25
I/O
NVDD2_OFF
—
PCI_AD[17]
D24
I/O
NVDD2_OFF
—
PCI_AD[18]
B26
I/O
NVDD2_OFF
—
PCI_AD[19]
C24
I/O
NVDD2_OFF
—
PCI_AD[20]
A26
I/O
NVDD2_OFF
—
PCI_AD[21]
E20
I/O
NVDD2_OFF
—
PCI_AD[22]
A23
I/O
NVDD2_OFF
—
PCI_AD[23]
C22
I/O
NVDD2_OFF
—
PCI_AD[24]
E19
I/O
NVDD2_OFF
—
PCI_AD[25]
A22
I/O
NVDD2_OFF
—
PCI_AD[26]
C20
I/O
NVDD2_OFF
—
PCI_AD[27]
B21
I/O
NVDD2_OFF
—
PCI_AD[28]
D19
I/O
NVDD2_OFF
—
PCI_AD[29]
A19
I/O
NVDD2_OFF
—
PCI_AD[30]
A21
I/O
NVDD2_OFF
—
PCI_AD[31]
B19
I/O
NVDD2_OFF
—
PCI_C/BE[0]
H24
I/O
NVDD2_OFF
—
PCI_C/BE[1]
C27
I/O
NVDD2_OFF
—
PCI_C/BE[2]
A25
I/O
NVDD2_OFF
—
PCI_C/BE[3]
E21
I/O
NVDD2_OFF
—
PCI_PAR
G24
I/O
NVDD2_OFF
—
PCI_FRAME
C28
I/O
NVDD2_OFF
5
PCI_TRDY
A24
I/O
NVDD2_OFF
5
PCI_IRDY
D25
I/O
NVDD2_OFF
5
PCI_STOP
D23
I/O
NVDD2_OFF
5
PCI_DEVSEL
E22
I/O
NVDD2_OFF
5
PCI_IDSEL
D26
I
NVDD2_OFF
—
PCI_SERR
C25
I/O
NVDD2_OFF
5
PCI_PERR
D21
I/O
NVDD2_OFF
5
Table 70. MPC8315E TEPBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com