Electronic Components Datasheet Search
  English  ▼

X  

2PB709BRL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PB709BRL
Description  50 V, 200 mA PNP general-purpose transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB709BRL Datasheet(HTML) 2 Page - NXP Semiconductors

  2PB709BRL Datasheet HTML 1Page - NXP Semiconductors 2PB709BRL Datasheet HTML 2Page - NXP Semiconductors 2PB709BRL Datasheet HTML 3Page - NXP Semiconductors 2PB709BRL Datasheet HTML 4Page - NXP Semiconductors 2PB709BRL Datasheet HTML 5Page - NXP Semiconductors 2PB709BRL Datasheet HTML 6Page - NXP Semiconductors 2PB709BRL Datasheet HTML 7Page - NXP Semiconductors 2PB709BRL Datasheet HTML 8Page - NXP Semiconductors 2PB709BRL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2PB709BRL_2PB709BSL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 28 June 2010
2 of 13
NXP Semiconductors
2PB709BRL; 2PB709BSL
50 V, 200 mA PNP general-purpose transistors
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1base
2emitter
3
collector
12
3
sym013
3
2
1
Table 4.
Ordering information
Type number
Package
Name
Description
Version
2PB709BRL
-
plastic surface-mounted package; 3 leads
SOT23
2PB709BSL
Table 5.
Marking codes
Type number
Marking code[1]
2PB709BRL
MN*
2PB709BSL
MP*
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
−60
V
VCEO
collector-emitter voltage
open base
-
−50
V
VEBO
emitter-base voltage
open collector
-
−6V
IC
collector current
-
−200
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
−250
mA
IBM
peak base current
single pulse;
tp ≤ 1ms
-
−200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com