Electronic Components Datasheet Search
  English  ▼

X  

LM337H Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM337H
Description  3-Terminal Adjustable Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337H Datasheet(HTML) 1 Page - Texas Instruments

  LM337H Datasheet HTML 1Page - Texas Instruments LM337H Datasheet HTML 2Page - Texas Instruments LM337H Datasheet HTML 3Page - Texas Instruments LM337H Datasheet HTML 4Page - Texas Instruments LM337H Datasheet HTML 5Page - Texas Instruments LM337H Datasheet HTML 6Page - Texas Instruments LM337H Datasheet HTML 7Page - Texas Instruments LM337H Datasheet HTML 8Page - Texas Instruments LM337H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM137, LM337-N
www.ti.com
SNVS778D – MAY 1999 – REVISED APRIL 2013
LM137/LM337-N 3-Terminal Adjustable Negative Regulators
Check for Samples: LM137, LM337-N
1
FEATURES
DESCRIPTION
The
LM137/LM337-N
are
adjustable
3-terminal
2
•
Output Voltage Adjustable from
−1.2V to −37V
negative voltage regulators capable of supplying in
•
1.5A Output Current Specified,
−55°C to
excess of
−1.5A over an output voltage range of
+150°C
−1.2V to −37V. These regulators are exceptionally
•
Line Regulation Typically 0.01%/V
easy to apply, requiring only 2 external resistors to
set the output voltage and 1 output capacitor for
•
Load Regulation Typically 0.3%
frequency compensation. The circuit design has been
•
Excellent Thermal Regulation, 0.002%/W
optimized for excellent regulation and low thermal
•
77 dB Ripple Rejection
transients. Further, the LM137 series features internal
current limiting, thermal shutdown and safe-area
•
Excellent Rejection of Thermal Transients
compensation, making them virtually blowout-proof
•
50 ppm/°C Temperature Coefficient
against overloads.
•
Temperature-independent Current Limit
The
LM137/LM337-N
serve
a
wide
variety
of
•
Internal Thermal Overload Protection
applications
including
local
on-card
regulation,
•
P+ Product Enhancement Tested
programmable-output voltage regulation or precision
current regulation. The LM137/LM337-N are ideal
•
Standard 3-lead Transistor Package
complements
to
the
LM117/LM317
adjustable
•
Output is Short Circuit Protected
positive regulators.
Table 1. LM137 Series Packages and Power
Capability
Device
Package
Rated Power
Design
Dissipation
Load
Current
LM137/337-N
TO-3 (K)
20W
1.5A
TO (NDT)
2W
0.5A
LM337-N
TO-220 (NDE)
15W
1.5A
LM337-N
SOT-223 (DCY)
2W
1A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM337H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337H NSC-LM337H Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
logo
STMicroelectronics
LM337H STMICROELECTRONICS-LM337H Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
logo
Texas Instruments
LM337H TI1-LM337H Datasheet
2Mb / 28P
3-Terminal Adjustable Negative Regulators
LM337H TI1-LM337H Datasheet
1Mb / 20P
3-Terminal Adjustable Negative Regulators
LM337H/NOPB TI1-LM337H/NOPB Datasheet
2Mb / 28P
3-Terminal Adjustable Negative Regulators
More results

Similar Description - LM337H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
3-Terminal Adjustable Negative Regulators (High Voltage)
logo
Texas Instruments
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
LM137QML 3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com