Electronic Components Datasheet Search
  English  ▼

X  

LMV321M5 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321M5
Description  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M5 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV321M5 Datasheet HTML 9Page - Texas Instruments LMV321M5 Datasheet HTML 10Page - Texas Instruments LMV321M5 Datasheet HTML 11Page - Texas Instruments LMV321M5 Datasheet HTML 12Page - Texas Instruments LMV321M5 Datasheet HTML 13Page - Texas Instruments LMV321M5 Datasheet HTML 14Page - Texas Instruments LMV321M5 Datasheet HTML 15Page - Texas Instruments LMV321M5 Datasheet HTML 16Page - Texas Instruments LMV321M5 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1
LMV324-N, LMV324-N-Q1
www.ti.com
SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Open Loop Output Impedance
Short Circuit Current
vs.
vs.
Frequency
Temperature (Sinking)
Figure 46.
Figure 47.
Short Circuit Current
vs.
Temperature (Sourcing)
Figure 48.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com