Electronic Components Datasheet Search
  English  ▼

X  

ARS1009 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ARS1009
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS1009 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ARS1009 Datasheet HTML 4Page - Panasonic Semiconductor ARS1009 Datasheet HTML 5Page - Panasonic Semiconductor ARS1009 Datasheet HTML 6Page - Panasonic Semiconductor ARS1009 Datasheet HTML 7Page - Panasonic Semiconductor ARS1009 Datasheet HTML 8Page - Panasonic Semiconductor ARS1009 Datasheet HTML 9Page - Panasonic Semiconductor ARS1009 Datasheet HTML 10Page - Panasonic Semiconductor ARS1009 Datasheet HTML 11Page - Panasonic Semiconductor ARS1009 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
10.16
0.6
10.16
8.6
14.6
3.2
3.2
.024
.126
.126
Lot No.
JAPAN
0.6
.024
The part numbers
depend on the
type and voltage.
.400
.400
.575
14.0 .551
12
10
11
15
45
8
13
6
17
7
16
+
-
NC
NO
COM
2
18
Direction indication
2
+
-
5
COM
7
6
8
4
18 17
13
15
11 10
16
12
RESET
SET
Direction indication
-
+
+
18
5
COM
17
13
2
7
6
8
4
15
11 10
16
12
RESET
SET
Direction indication
5
COM
NC
NO
2
7
6
8
4
18 17
13
15
11 10
16
12
-
+
Direction indication
5
COM
2
7
6
8
4
-
+
18 17
13
15
11 10
16
12
RESET
SET
Direction indication
5
COM
2
7
6
8
4
18 17
13
15
11 10
16
12
-
+
+
RESET
SET
Direction indication
.006
0.15
.006
0.15
.339
11.2
.441
9.2
.362
8.0
.315
0.5
0.5
1.27
.020
.020
.050
0.5
.020
3.2
.126
8-0.4
8-.016
.126
.024
3.2
0.6
<Standard contact type>
<Reversed contact type>
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
2) Y layout
External dimensions
Schematic (Top view)
Tolerance:
±0.3 ±.012
<Standard contact type>
<Reversed contact type>
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
12
10
11
15
4
8
14 13
6
17
7
16
+
-
NC
NO
COM
2
18
Direction indication
2
COM
+
-
7
6
8
4
18 17
13
14
15
11 10
16
12
RESET
SET
Direction indication
-
+
+
18 17
13
14
2
7
6
8
4
15
11 10
16
12
COM
RESET
SET
Direction indication
NC
NO
COM
2
7
6
8
4
18 17
13
14
15
11 10
16
12
-
+
Direction indication
2
7
6
8
4
-
+
18 17
13
14
15
11 10
16
12
COM
RESET
SET
Direction indication
2
7
6
8
4
18 17
13
14
15
11 10
16
12
-
+
+
COM
RESET
SET
Direction indication
The part numbers
depend on the
type and voltage.
10.16
.400
0.5
0.5
0.5
.020
0.6
3.2
.126
0.6
8-0.4
8-.016
10.16
.400
.126
8.6
.339
14.6
.575
3.2
.024
3.2
0.6
3.2
.024
.024
.126
.126
11.2
.441
14.0 .551
9.2
.362
1.27
.020
.020
.050
Lot No.
JAPAN
8.0
.315
.006
0.15
.006
0.15
2. Impedance: 75
Ω type
1) E layout
External dimensions
Schematic (Top view)
Tolerance:
±0.3 ±.012
10.16
0.6
10.16
8.6
14.6
3.2
3.2
.024
.126
.126
Lot No.
JAPAN
0.6
.024
The part numbers
depend on the
type and voltage.
.400
.400
.575
14.0 .551
12
10
11
15
45
8
13
6
17
7
16
+
-
NC
NO
COM
2
18
Direction indication
2
+
-
5
COM
7
6
8
4
18 17
13
15
11 10
16
12
RESET
SET
Direction indication
-
+
+
18
5
COM
17
13
2
7
6
8
4
15
11 10
16
12
RESET
SET
Direction indication
5
COM
NC
NO
2
7
6
8
4
18 17
13
15
11 10
16
12
-
+
Direction indication
5
COM
2
7
6
8
4
-
+
18 17
13
15
11 10
16
12
RESET
SET
Direction indication
5
COM
2
7
6
8
4
18 17
13
15
11 10
16
12
-
+
+
RESET
SET
Direction indication
.006
0.15
.006
0.15
.339
11.2
.441
9.2
.362
8.0
.315
0.5
0.5
1.27
.020
.020
.050
0.5
.020
3.2
.126
8-0.4
8-.016
.126
.024
3.2
0.6
<Standard contact type>
<Reversed contact type>
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
2) Y layout
External dimensions
Schematic (Top view)
Tolerance:
±0.3 ±.012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com