Electronic Components Datasheet Search
  English  ▼

X  

ARS1024 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ARS1024
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS1024 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ARS1024 Datasheet HTML 4Page - Panasonic Semiconductor ARS1024 Datasheet HTML 5Page - Panasonic Semiconductor ARS1024 Datasheet HTML 6Page - Panasonic Semiconductor ARS1024 Datasheet HTML 7Page - Panasonic Semiconductor ARS1024 Datasheet HTML 8Page - Panasonic Semiconductor ARS1024 Datasheet HTML 9Page - Panasonic Semiconductor ARS1024 Datasheet HTML 10Page - Panasonic Semiconductor ARS1024 Datasheet HTML 11Page - Panasonic Semiconductor ARS1024 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
8. Measuring method
1) 50
Ω type
Connect connectors 1 and 2 respectively
to PORT 1 and PORT 2. Perform
calibration using the 3.5 mm calibration
kit (HP85052B).
After calibration, connect the D.U.T.
board and measure. However,
connectors other than those for
measurement should be connected with
a 50
Ω termination resistor.
<Standard PC board terminal>
PC board
Dimensions (mm inch)
<Surface-mount terminal and
E layout>
PC board
Dimensions (mm inch)
<Surface-mount terminal and
Y layout>
PC board
Dimensions (mm inch)
PC board for correction
Dimensions (mm inch)
Material: Glass PTFE double-sided
through hole PC board R-4737
(Panasonic Corporation)
Board thickness: t = 0.8 mm .031 inch
Copper plating: 18
µm
Connector (SMA type receptacle)
Product name: 01K1808-00 (Waka
Manufacturing Co., Ltd.)
Insertion loss compensation
The insertion loss of relay itself is given
by subtracting the insertion loss of
shortcircuit the Com and the NC (or NO).
(signal path and two connectors)
2) 75
Ω type
Connect connectors 1 and 2 respectively
to PORT 1 and PORT 2. Perform
calibration using the 3.5 mm calibration
kit (HP85039B).
After calibration, connect the D.U.T.
board and measure. However,
connectors other than those for
measurement should be connected with
a 75
Ω termination resistor.
<Standard PC board terminal>
PC board
Dimensions (mm inch)
<Surface-mount terminal and
E layout>
PC board
Dimensions (mm inch)
<Surface-mount terminal and
Y layout>
PC board
Dimensions (mm inch)
PC board for correction
Dimensions (mm inch)
Material: Glass PTFE double-sided
through hole PC board R-4737
(Panasonic Corporation)
Board thickness: t = 0.8 mm .031 inch
Copper plating: 18
µm
Connector (F type receptacle)
Product name: C05-0236 (Komine
Musen Electric Corporation)
No.
Product name
Contents
1
Agilent
85130-60011
Adapter
2.4mm-3.5mm female
.095inch-.138inch female
2
SUHNER
SUCOFLEX104
Cable
3.5mm-3.5mm male
.138inch-.138inch male
PORT2
PORT1
Network
analyzer
Agilent
Technologies
E8363B
1
2
1
2
20.00
.787
10.16
.400
5.08
.200
2.54
.100
6.35
.250
4.20
.165
13.00
1.80
.071
2.80
.512
.110
3-R 1.40
3-R .055
3-R 0.90
3-R .35
8-1.00 dia.
8-.039 dia.
(Through hole)
5-2.00 dia.
5-1.40 dia.
5-.079 dia.
5-.055 dia.
1.27
.050
20.00
.787
10.16
.400
2.80
2.50
2.50
.098
1.80
.110
.098
.071
1.80
.071
2.80
.110
1.80
.071
3.70
.146 6.05
.238
22.00
15.15
.866
.596
No.
Product name
Contents
1
85134-60003
Test port cable
2
11852B
Conversion adapter;
50
Ω N type (female) to
75
Ω N type (male)
2
85039-60011
Conversion adapter;
75
Ω N type (female) to
75
Ω F type (male)
1.27
.050
20.00
.787
10.16
.400
2.50
.098
2.50
.098 1.80
.071
1.80
2.50
2.80
.071
.098
.110
2.80
.110
1.80
.071
.146
3.70
6.05
.238
15.15
.596
15.95
.628
22.00
.866
2.80
.110
1.80
.071
9.12
.359
Network
analyzer
PORT2
PORT1
Agilent
Technologies
E8363B
1
1
2
2
5.08
.200
.070
1.78
2.54
.100
20.00
.787
10.16
.400
3-1.00 dia.
3-3.00 dia.
3-.028 dia.
3-0.70 dia.
3-0.55 dia.
3-1.50 dia.
3-.059 dia.
3-.022 dia.
(Through hole)
3-.118 dia.
3-.039 dia.
0.80
.031
R0.40
R.016
6.35
.250
4.20
.165
.035
0.90
.193
4.90
13.00
.512
1.27
.050
20.00
.787
10.16
.400
2.80
2.50
2.50
.098
0.80
.110
.098
.031
0.80
.031
2.80
.110
0.80
.031
4.70
.185 7.75
.305
16.15
.636
24.00
.945
1.27
.050
20.00
.787
10.16
.400
2.80
2.50
2.50
.098
2.50
.098
0.80
.110
.098
.031
0.80
.031
2.80
.110
0.80
.031
.185
4.70
7.75
.305
16.15
.636
.640
16.25
24.00
.945
4.90
.193
0.90
.035
9.12
.359



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com