Electronic Components Datasheet Search
  English  ▼

X  

ARS124H Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ARS124H
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS124H Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ARS124H Datasheet HTML 1Page - Panasonic Semiconductor ARS124H Datasheet HTML 2Page - Panasonic Semiconductor ARS124H Datasheet HTML 3Page - Panasonic Semiconductor ARS124H Datasheet HTML 4Page - Panasonic Semiconductor ARS124H Datasheet HTML 5Page - Panasonic Semiconductor ARS124H Datasheet HTML 6Page - Panasonic Semiconductor ARS124H Datasheet HTML 7Page - Panasonic Semiconductor ARS124H Datasheet HTML 8Page - Panasonic Semiconductor ARS124H Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
ORDERING INFORMATION
3 GHz MICROWAVE RELAYS
Miniature size
Lineup includes
50/75
Ω type
RS RELAYS (ARS)
FEATURES
1. Super miniature design
14
× 8.6 × 7.2 mm .551 × .339 × .283 inch
(standard PC board terminal)
2. Lineup includes silent type.
(75
Ω type only)
Operation noise (Unit: dB)
RoHS compliant
60% OFF in volume
(Compared to
RK relay)
RK
RE
RS
(Silent type)
30
40
50
3. Excellent high frequency
characteristics
• Impedance: 50
Ω
(Standard PC board terminal)
• Impedance: 75
Ω
(Standard PC board terminal)
• Impedance: 50
Ω
(Surface-mount terminal)
• Impedance: 75
Ω
(Surface-mount terminal)
4. Lineup includes surface-mount
terminal type
E and Y layouts available.
5. Lineup includes reversed contact
type
Great design freedom is possible using
reversed contact type in which the
positions of the N.O. and N.C. contacts
are switched.
TYPICAL APPLICATIONS
1. Broadcasting and video equipment
markets
• Digital broadcasting equipment
• STB/tuner, etc.
2. Mobile phone base stations
3. Communications market
• Antenna switching
• All types of wireless devices
4. Measurement equipment market
• Spectrum analyzer and oscilloscope,
etc.
If you wish to use in applications with low
level loads or with high frequency
switching, please consult us.
Frequency
to 900 MHz
to 3 GHz
V. S. W. R. (Max.)
1.20
1.40
Insertion loss
(dB, Max.)
0.10
0.35
Isolation (dB, Min.)
60
35
Frequency
to 900 MHz
to 3 GHz
V. S. W. R. (Max.)
1.15
1.40
Insertion loss
(dB, Max.)
0.10
0.30
Isolation (dB, Min.)
60
30
Frequency
to 900 MHz
to 3 GHz
V. S. W. R. (Max.)
1.20
1.40
Insertion loss
(dB, Max.)
0.20
0.40
Isolation (dB, Min.)
55
30
Frequency
to 900 MHz
to 3 GHz
V. S. W. R. (Max.)
1.20
1.50
Insertion loss
(dB, Max.)
0.20
0.50
Isolation (dB, Min.)
55
30
RS relays
Contact arrangement
1: Standard contact type (1 Form C)
3: Reversed contact type (1 Form C)
Nil:
A:
Y:
ARS
Operating function
0: Single side stable standard type (Impedance: 75
Ω)
1: 1 coil latching type (Impedance: 75
Ω)
2: 2 coil latching type (Impedance: 75
Ω)
3: Single side stable silent type (Impedance: 75
Ω)
4: Single side stable type (Impedance: 50
Ω)
5: 1 coil latching type (Impedance: 50
Ω)
6: 2 coil latching type (Impedance: 50
Ω)
Coil voltage, DC
03: 3 V, 4H: 4.5 V, 09: 9 V, 12: 12 V, 24: 24 V (H=0.5)
Packing style
Nil:
X:
Z:
Carton packing (Standard PC board terminal only)
Tube packing (Surface-mount terminal only)
Tape and reel packing (picked from 2-pin side) (Surface-mount terminal only)
Tape and reel packing (picked from 18-pin side) (Surface-mount terminal only)
Standard PC board terminal
Surface-mount terminal, E layout
Surface-mount terminal, Y layout


Similar Part No. - ARS124H

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ARS12-B2-IC08-1 PF-ARS12-B2-IC08-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC08-2 PF-ARS12-B2-IC08-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC16-1 PF-ARS12-B2-IC16-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC16-2 PF-ARS12-B2-IC16-2 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
ARS12-B2-IC24-1 PF-ARS12-B2-IC24-1 Datasheet
3Mb / 7P
Ethernet-APL Rail Field Switch
More results

Similar Description - ARS124H

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
75廓 SMB Type Connectors
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
75廓 BNC Type Connectors
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
50 廓 & 75 廓 RF Bridges
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
2.6 GHz SMALL MICROWAVE RELAYS
ARS14Y4H PANASONIC-ARS14Y4H Datasheet
331Kb / 11P
Miniature size Lineup includes 50/75 type
logo
DDK Ltd.
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
75 廓 SSMB Type Connectors
logo
Rosenberger Hochfrequen...
51K171-S00N4 ROSENBERGER-51K171-S00N4 Datasheet
188Kb / 2P
MATCHING ATTENUATOR 50廓 JACK ??75廓 PLUG
logo
DDK Ltd.
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
75 廓 SSMB Type Connectors
logo
Qorvo, Inc
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
75廓 CATV Amplifier 50 ??1800MHz
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com