Electronic Components Datasheet Search
  English  ▼

X  

ARS164H Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ARS164H
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS164H Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ARS164H Datasheet HTML 1Page - Panasonic Semiconductor ARS164H Datasheet HTML 2Page - Panasonic Semiconductor ARS164H Datasheet HTML 3Page - Panasonic Semiconductor ARS164H Datasheet HTML 4Page - Panasonic Semiconductor ARS164H Datasheet HTML 5Page - Panasonic Semiconductor ARS164H Datasheet HTML 6Page - Panasonic Semiconductor ARS164H Datasheet HTML 7Page - Panasonic Semiconductor ARS164H Datasheet HTML 8Page - Panasonic Semiconductor ARS164H Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
TYPES
1. Standard PC board terminal and standard contact type
Standard packing: 50 pcs. in an inner package; 500 pcs. in an outer package
2. Standard PC board terminal and reversed contact type
Standard packing: 50 pcs. in an inner package; 500 pcs. in an outer package
3. Surface-mount terminal and standard contact type, E layout
Standard packing: 40 pcs. in an inner package (tube); 1,000 pcs. in an outer package
Standard packing: 500 pcs. in an inner package (tape and reel); 1,000 pcs. in an outer package
Note: The box at the end of a part number shows where packing type is indicated. If there is no indication, tube packing will be used.
If “X” or “Z” is added, tape and reel packing will be used. Example: ARS14A03 (tube packing), ARS14A03X (tape and reel packing)
4. Surface-mount terminal and standard contact type, Y layout
Standard packing: 40 pcs. in an inner package (tube); 1,000 pcs. in an outer package
Standard packing: 500 pcs. in an inner package (tape and reel); 1,000 pcs. in an outer package
Note: The box at the end of a part number shows where packing type is indicated. If there is no indication, tube packing will be used.
If “X” or “Z” is added, tape and reel packing will be used. Example: ARS14Y03 (tube packing), ARS14Y03X (tape and reel packing)
Impedance
Nominal coil
voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
50
Ω
3
V DC
ARS1403
ARS1503
ARS1603
4.5 V DC
ARS144H
ARS154H
ARS164H
9
V DC
ARS1409
ARS1509
ARS1609
12
V DC
ARS1412
ARS1512
ARS1612
24
V DC
ARS1424
ARS1524
ARS1624
Impedance
Nominal coil
voltage
Part No.
Standard type
Silent type
Single side stable type
1 coil latching type
2 coil latching type
Single side stable type
75
Ω
3
V DC
ARS1003
ARS1103
ARS1203
ARS1303
4.5 V DC
ARS104H
ARS114H
ARS124H
ARS134H
9
V DC
ARS1009
ARS1109
ARS1209
ARS1309
12
V DC
ARS1012
ARS1112
ARS1212
ARS1312
24
V DC
ARS1024
ARS1124
ARS1224
ARS1324
Impedance
Nominal coil
voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
50
Ω
3
V DC
ARS3403
ARS3503
ARS3603
4.5 V DC
ARS344H
ARS354H
ARS364H
9
V DC
ARS3409
ARS3509
ARS3609
12
V DC
ARS3412
ARS3512
ARS3612
24
V DC
ARS3424
ARS3524
ARS3624
Impedance
Nominal coil
voltage
Part No.
Standard type
Silent type
Single side stable type
1 coil latching type
2 coil latching type
Single side stable type
75
Ω
3
V DC
ARS3003
ARS3103
ARS3203
ARS3303
4.5 V DC
ARS304H
ARS314H
ARS324H
ARS334H
9
V DC
ARS3009
ARS3109
ARS3209
ARS3309
12
V DC
ARS3012
ARS3112
ARS3212
ARS3312
24
V DC
ARS3024
ARS3124
ARS3224
ARS3324
Impedance
Nominal coil
voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
50
Ω
3
V DC
ARS14A03
ARS15A03
ARS16A03
4.5 V DC
ARS14A4H
ARS15A4H
ARS16A4H
9
V DC
ARS14A09
ARS15A09
ARS16A09
12
V DC
ARS14A12
ARS15A12
ARS16A12
24
V DC
ARS14A24
ARS15A24
ARS16A24
75
Ω
3
V DC
ARS10A03
ARS11A03
ARS12A03
4.5 V DC
ARS10A4H
ARS11A4H
ARS12A4H
9
V DC
ARS10A09
ARS11A09
ARS12A09
12
V DC
ARS10A12
ARS11A12
ARS12A12
24
V DC
ARS10A24
ARS11A24
ARS12A24
Impedance
Nominal coil
voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
50
Ω
3
V DC
ARS14Y03
ARS15Y03
ARS16Y03
4.5 V DC
ARS14Y4H
ARS15Y4H
ARS16Y4H
9
V DC
ARS14Y09
ARS15Y09
ARS16Y09
12
V DC
ARS14Y12
ARS15Y12
ARS16Y12
24
V DC
ARS14Y24
ARS15Y24
ARS16Y24
75
Ω
3
V DC
ARS10Y03
ARS11Y03
ARS12Y03
4.5 V DC
ARS10Y4H
ARS11Y4H
ARS12Y4H
9
V DC
ARS10Y09
ARS11Y09
ARS12Y09
12
V DC
ARS10Y12
ARS11Y12
ARS12Y12
24
V DC
ARS10Y24
ARS11Y24
ARS12Y24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com