Electronic Components Datasheet Search
  English  ▼

X  

A40MX02 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # A40MX02
Description  40MX and 42MX FPGA Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A40MX02 Datasheet(HTML) 1 Page - Microsemi Corporation

  A40MX02 Datasheet HTML 1Page - Microsemi Corporation A40MX02 Datasheet HTML 2Page - Microsemi Corporation A40MX02 Datasheet HTML 3Page - Microsemi Corporation A40MX02 Datasheet HTML 4Page - Microsemi Corporation A40MX02 Datasheet HTML 5Page - Microsemi Corporation A40MX02 Datasheet HTML 6Page - Microsemi Corporation A40MX02 Datasheet HTML 7Page - Microsemi Corporation A40MX02 Datasheet HTML 8Page - Microsemi Corporation A40MX02 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
May 2012
i
© 2012 Microsemi Corporation
40MX and 42MX FPGA Families
Features
High Capacity
•
Single-Chip ASIC Alternative
•
3,000 to 54,000 System Gates
•
Up to 2.5 kbits Configurable Dual-Port SRAM
•
Fast Wide-Decode Circuitry
•
Up to 202 User-Programmable I/O Pins
High Performance
•
5.6 ns Clock-to-Out
•
250 MHz Performance
•
5 ns Dual-Port SRAM Access
•
100 MHz FIFOs
•
7.5 ns 35-Bit Address Decode
HiRel Features
•
Commercial,
Industrial,
Automotive,
and
Military
Temperature Plastic Packages
•
Commercial, Military Temperature, and MIL-STD-883
Ceramic Packages
•
QML Certification
•
Ceramic Devices Available to DSCC SMD
Ease of Integration
•
Mixed-Voltage Operation (5.0V or 3.3V for core and
I/Os), with PCI-Compliant I/Os
•
Up to 100% Resource Utilization and 100% Pin Locking
•
Deterministic, User-Controllable Timing
•
Unique In-System Diagnostic and Verification Capability
with Silicon Explorer II
•
Low Power Consumption
•
IEEE Standard 1149.1 (JTAG) Boundary Scan Testing
Product Profile
Device
A40MX02
A40MX04
A42MX09
A42MX16
A42MX24
A42MX36
Capacity
System Gates
SRAM Bits
3,000
–
6,000
–
14,000
–
24,000
–
36,000
–
54,000
2,560
Logic Modules
Sequential
Combinatorial
Decode
–
295
–
–
547
–
348
336
–
624
608
–
954
912
24
1,230
1,184
24
Clock-to-Out
9.5 ns
9.5 ns
5.6 ns
6.1 ns
6.1 ns
6.3 ns
SRAM Modules
(64x4 or 32x8)
––
–
–
–
10
Dedicated Flip-Flops
–
–
348
624
954
1,230
Maximum Flip-Flops
147
273
516
928
1,410
1,822
Clocks
11
2
2
2
6
User I/O (maximum)
57
69
104
140
176
202
PCI
––
–
–
Yes
Yes
Boundary Scan Test (BST)
––
–
–
Yes
Yes
Packages (by pin count)
PLCC
PQFP
VQFP
TQFP
CQFP
PBGA
44, 68
100
80
–
–
–
44, 68, 84
100
80
–
–
–
84
100, 160
100
176
–
–
84
100, 160, 208
100
176
–
–
84
160, 208
–
176
–
–
–
208, 240
–
–
208, 256
272
Revision 11


Similar Part No. - A40MX02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX02 MICROSEMI-A40MX02 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A40MX02 MICROSEMI-A40MX02 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A40MX02 MICROSEMI-A40MX02 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A40MX02 MICROSEMI-A40MX02 Datasheet
7Mb / 143P
40MX and 42MX FPGA Families
More results

Similar Description - A40MX02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
40MX and 42MX FPGA Families
logo
Actel Corporation
A42MX16-1PQ100ES ACTEL-A42MX16-1PQ100ES Datasheet
908Kb / 123P
40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com