Electronic Components Datasheet Search
  English  ▼

X  

2N7225 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # 2N7225
Description  N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N7225 Datasheet(HTML) 9 Page - Microsemi Corporation

  2N7225 Datasheet HTML 1Page - Microsemi Corporation 2N7225 Datasheet HTML 2Page - Microsemi Corporation 2N7225 Datasheet HTML 3Page - Microsemi Corporation 2N7225 Datasheet HTML 4Page - Microsemi Corporation 2N7225 Datasheet HTML 5Page - Microsemi Corporation 2N7225 Datasheet HTML 6Page - Microsemi Corporation 2N7225 Datasheet HTML 7Page - Microsemi Corporation 2N7225 Datasheet HTML 8Page - Microsemi Corporation 2N7225 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
T4-LDS-0102, Rev. 3 (121485)
©2012 Microsemi Corporation
Page 9 of 9
2N7224, 2N7225, 2N7227 and 2N7228
PACKAGE DIMENSIONS
NOTES:
Dimensions
Notes
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. Glass meniscus included in dimension D and E.
4. All terminals are isolated from case.
5. In accordance with ASME Y14.5M, diameters are
equivalent to
Φx symbology.
Ltr
Inch
Millimeters
Min
Max
Min
Max
BL
.535
.545
13.59
13.84
CH
.249
.260
6.32
6.60
LD
.035
.045
0.89
1.14
LL
.510
.570
12.95
14.48
LO
.150 BSC
3.81 BSC
LS
.150 BSC
3.81 BSC
MHD
.139
.149
3.53
3.78
MHO
.665
.685
16.89
17.40
TL
.790
.800
20.07
20.32
3, 4
TT
.040
.050
1.02
1.27
TW
.535
.545
13.59
13.84
3, 4
Term 1
Drain
Term 2
Source
Term 3
Gate



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com