Electronic Components Datasheet Search
  English  ▼

X  

UES2605R Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UES2605R
Description  HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UES2605R Datasheet(HTML) 1 Page - Microsemi Corporation

  UES2605R Datasheet HTML 1Page - Microsemi Corporation UES2605R Datasheet HTML 2Page - Microsemi Corporation UES2605R Datasheet HTML 3Page - Microsemi Corporation UES2605R Datasheet HTML 4Page - Microsemi Corporation UES2605R Datasheet HTML 5Page - Microsemi Corporation UES2605R Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T4-LDS-0221, Rev. 1 (112053)
©2011 Microsemi Corporation
Page 1 of 6
UES2604 – UES2606
Available
HIGH EFFICIENCY RECTIFIERS
30A Center-Tap
High-Reliability
screening available
DESCRIPTION
The UES2604 through UES2606 series is specifically designed for operation in power
switching circuits operating at frequencies of at least 20 kHz. This series combines two high
efficiency devices into one package, simplifying installation, reducing heat sink requirements
and the need to purchase matched components. Microsemi also offers numerous other
products to meet higher and lower power voltage regulation applications.
TO-204AA (TO-3)
Package
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
•
Very low forward voltage (see Figure 3).
•
Very fast recovery times (50 nsec).
•
High surge capability.
•
Low thermal resistance.
•
High-reliability screening option.
•
Both polarities available.
•
RoHS compliant devices available.
APPLICATIONS / BENEFITS
•
Catch diodes for switching regulators.
•
Output rectifiers for high frequency square-wave inverters.
•
Low-profile package.
•
Mechanically rugged.
MAXIMUM RATINGS
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-55 to +150
oC
Thermal Resistance Junction-to-Case
RӨJC
1
oC/W
Repetitive Peak Inverse Voltage
UES2604(HR2)
UES2605(HR2)
UES2606(HR2)
V RRM
200
300
400
V
Maximum Average DC Output Current @ TC = 100
oC
IO
30
A
Non-Repetitive Sinusoidal Surge Current (8.3 ms)
IFSM
300
A


Similar Part No. - UES2605R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES2605 MICROSEMI-UES2605 Datasheet
136Kb / 3P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UES2605 NJSEMI-UES2605 Datasheet
50Kb / 1P
High Efficiency, 30A Center-Tap
logo
Microsemi Corporation
UES2605HR2 MICROSEMI-UES2605HR2 Datasheet
136Kb / 3P
RECTIFIERS
More results

Similar Description - UES2605R

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
D30VC20 DIOTEC-D30VC20 Datasheet
174Kb / 2P
Silicon-Twin Rectifiers Center tap
logo
List of Unclassifed Man...
OM5204SC ETC1-OM5204SC Datasheet
35Kb / 2P
HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5201ST ETC-OM5201ST Datasheet
35Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM5250SM ETC1-OM5250SM Datasheet
37Kb / 2P
ISOLATED SURFACE MOUNT HIGH EFFICIENCY CENTER-TAP RECTIFIER
OM5257SA ETC2-OM5257SA Datasheet
23Kb / 2P
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
logo
Diotec Semiconductor
DAN208 DIOTEC-DAN208_08 Datasheet
109Kb / 2P
Silicon-Twin Rectifiers ??Center Tap
logo
Frontier Electronics.
BCT8-005 FRONTIER-BCT8-005 Datasheet
125Kb / 2P
8A CENTER TAP RECTIFIERS
BCT8-005-LFR FRONTIER-BCT8-005-LFR Datasheet
126Kb / 2P
8A CENTER TAP RECTIFIERS
logo
New Jersey Semi-Conduct...
UES2601 NJSEMI-UES2601 Datasheet
131Kb / 3P
RECTIFIERS High Efficiency, 30A Center-Tap
UES2604 NJSEMI-UES2604 Datasheet
50Kb / 1P
High Efficiency, 30A Center-Tap
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com