Electronic Components Datasheet Search
  English  ▼

X  

UES2604R Datasheet(PDF) 6 Page - Microsemi Corporation

Part # UES2604R
Description  HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UES2604R Datasheet(HTML) 6 Page - Microsemi Corporation

  UES2604R Datasheet HTML 1Page - Microsemi Corporation UES2604R Datasheet HTML 2Page - Microsemi Corporation UES2604R Datasheet HTML 3Page - Microsemi Corporation UES2604R Datasheet HTML 4Page - Microsemi Corporation UES2604R Datasheet HTML 5Page - Microsemi Corporation UES2604R Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T4-LDS-0221, Rev. 1 (112053)
©2011 Microsemi Corporation
Page 6 of 6
UES2604 – UES2606
PACKAGE DIMENSIONS
NOTE:
Standard polarity is positive output.
For reverse polarity (negative output) add suffix “R”, i.e. UES2604R.
(See schematic below.)
SCHEMATIC
Cathode to Case
Anode to Case
(Standard)
(Reverse)
DIM
INCH
MILLIMETERS
A
.875 MAX.
22.23 MAX.
B
.135 MAX.
3.43 MAX.
C
.250-.450
6.35-11.43
D
.312 MIN.
7.92 MIN.
E
.038-.043 DIA.
0.97-1.09 DIA
F
.188 MAX. RAD.
4.78 MAX. RAD.
G
1.177-1.197
29.90-30.40
H
.655-.675
16.64-17.15
J
.205-.225
5.21-5.72
K
.420-.440
10.67-11.18
L
.525 MAX. RAD.
13.34 MAX. RAD.
M
.151-.161 DIA.
3.84-4.09 DIA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com