Electronic Components Datasheet Search
  English  ▼

X  

UES2604E3 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UES2604E3
Description  HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UES2604E3 Datasheet(HTML) 2 Page - Microsemi Corporation

  UES2604E3 Datasheet HTML 1Page - Microsemi Corporation UES2604E3 Datasheet HTML 2Page - Microsemi Corporation UES2604E3 Datasheet HTML 3Page - Microsemi Corporation UES2604E3 Datasheet HTML 4Page - Microsemi Corporation UES2604E3 Datasheet HTML 5Page - Microsemi Corporation UES2604E3 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T4-LDS-0221, Rev. 1 (112053)
©2011 Microsemi Corporation
Page 2 of 6
UES2604 – UES2606
MECHANICAL and PACKAGING
• CASE: TO-204AA (TO-3) metal can.
• TERMINALS: Tin-lead plating over nickel. RoHS compliant matte-tin plating is also available.
• MARKING: MSC part number, date code, polarity symbol.
• POLARITY: STANDARD (Positive Output) Anode 1 is pin #1, Anode 2 is pin #2, Common Cathode is the case. REVERSE
(Negative Output) Cathode 1 is pin #1, Cathode 2 is pin #2, Common Anode is the case.
• WEIGHT: Approximately 12.7 grams.
• See Package Dimensions on last page.
OPTIONAL HIGH RELIABILITY (HR2) SCREENING
The following tests are performed on 100% of the devices specified UES2604HR2, 5HR2, 6HR.
SCREEN
MIL-STD-750
METHOD
CONDITIONS
1. High Temperature
1032
24 Hours @ TA = 150
oC
2. Thermal Shock (Temperature Cycling)
1051
G, 20 Cycles, -55 to +150
oC. No dwell
required @ 25
oC, t > 1 minute @ extremes
3. Hermetic Seal
a.
Fine
b.
Gross
1071
H, Helium
C, Liquid
4. Thermal Impedance
Sage Test
5. Interim Electrical Parameters
GO/NO GO
VF and IR @ 25
oC
6. High Temperature Reverse Blocking
Similar to
Method 1040
½ Sine Reverse, t = 48 hours, TC = 125
oC,
VRWM = rating, f = 50-60 Hz, IO = 0 A
7. Final Electrical Parameters
GO/NO GO
VF + IR @ 25
oC
PDA = 10% (Final Electricals)
PART NOMENCLATURE
UES
2604
R HR2
(e3)
High Efficiency Diode
Series number
(see Electrical Characteristics
table)
Polarity
R = Reverse
Blank = Standard
RoHS Compliance
e3 = RoHS compliant
Blank = non-RoHS compliant
Screening
HR2 = High-Reliability
blank = Standard reliability



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com