Electronic Components Datasheet Search
  English  ▼

X  

EVJC40 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EVJC40
Description  Rotary Potentiometers/EVJC/EVJY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVJC40 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EVJC40 Datasheet HTML 1Page - Panasonic Semiconductor EVJC40 Datasheet HTML 2Page - Panasonic Semiconductor EVJC40 Datasheet HTML 3Page - Panasonic Semiconductor EVJC40 Datasheet HTML 4Page - Panasonic Semiconductor EVJC40 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Rotary Potentiometers/EVJC/EVJY
2
3
1
3
1
2
21
23
3
1
2
3
1
3
2
1
1
21
23
3
30
C
1
k
7.5
L
k2
7.5
L
2
k
6.7
L
L
6.7
Volume control without tap
With tap
Tone control
Relation of
mounting holes
and terminals
————
Dimensions
Trim Position
Style
Dimensions in mm
Shaft
Bushing, Sleeve
L
m1
Corner cut
m2
without
Bushing
Horizontal
15.0
4.5C0.5
—
20.0
7.0
C1.0
—
25.0
12.0
C1.0
—
30.0
12.0
C1.0
—
Vertical
15.0
4.5C0.5
—
20.0
7.0
C1.0
—
25.0
12.0
C1.0
—
30.0
12.0
C1.0
—
with
Bushing
or
with
Sleeve
Horizontal
12.5
7.0
C1.0
5.0
15.0
7.0
C1.0
5.0
17.5
12.0
C1.0
5.0
20.0
12.0
C1.0
5.0, 7.0
22.5
12.0
C1.0
5.0, 7.0
Vertical
12.5
7.0
C1.0
5.0
15.0
7.0
C1.0
5.0
17.5
12.0
C1.0
5.0
20.0
12.0
C1.0
5.0, 7.0
22.5
12.0
C1.0
5.0, 7.0
■ Shaft Trims and Dimensions in mm
■ Circuit Diagram and PWB Piercing Plan
Terminal side
Notes:
1. I=Resistor 1, II=Resistor 2
2. Relation of mounting holes and terminals. Refer to each piercing plan for dimensions.
3. View from mounted part side.
Note: The drawing at full CCW position
Mar. 2005



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com