Electronic Components Datasheet Search
  English  ▼

X  

M95160 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95160
Description  16-Kbit serial SPI bus EEPROM with high-speed clock
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95160_13 Datasheet HTML 2Page - STMicroelectronics M95160_13 Datasheet HTML 3Page - STMicroelectronics M95160_13 Datasheet HTML 4Page - STMicroelectronics M95160_13 Datasheet HTML 5Page - STMicroelectronics M95160_13 Datasheet HTML 6Page - STMicroelectronics M95160_13 Datasheet HTML 7Page - STMicroelectronics M95160_13 Datasheet HTML 8Page - STMicroelectronics M95160_13 Datasheet HTML 9Page - STMicroelectronics M95160_13 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Description
M95160 M95160-W M95160-R M95160-F
6/46
Doc ID 022580 Rev 3
1
Description
The M95160 devices are Electrically Erasable PROgrammable Memories (EEPROMs)
organized as 2048 x 8 bits, accessed through the SPI bus.
The M95160 can operate with a supply voltage from 4.5 V to 5.5 V, the M95160-W can
operate with a supply voltage from 2.5 V to 5.5 V, the M95160-R can operate with a supply
voltage from 1.8 V to 5.5 V, and the M95160-F can operate with a supply voltage from 1.7 V
to 5.5 V, over an ambient temperature range of -40 °C / +85 °C.
Figure 1.
Logic diagram
The SPI bus signals are C, D and Q, as shown in Figure 1 and Table 1. The device is
selected when Chip Select (S) is driven low. Communications with the device can be
interrupted when the HOLD is driven low.
Table 1.
Signal names
Signal name
Function
Direction
C
Serial Clock
Input
D
Serial Data Input
Input
Q
Serial Data Output
Output
S
Chip Select
Input
W
Write Protect
Input
HOLD
Hold
Input
VCC
Supply voltage
VSS
Ground
AI01789C
S
VCC
M95xxx
HOLD
VSS
W
Q
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com