Electronic Components Datasheet Search
  English  ▼

X  

ACST210-8FP Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACST210-8FP
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST210-8FP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACST210-8FP Datasheet HTML 3Page - STMicroelectronics ACST210-8FP Datasheet HTML 4Page - STMicroelectronics ACST210-8FP Datasheet HTML 5Page - STMicroelectronics ACST210-8FP Datasheet HTML 6Page - STMicroelectronics ACST210-8FP Datasheet HTML 7Page - STMicroelectronics ACST210-8FP Datasheet HTML 8Page - STMicroelectronics ACST210-8FP Datasheet HTML 9Page - STMicroelectronics ACST210-8FP Datasheet HTML 10Page - STMicroelectronics ACST210-8FP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ACST2
Application information
Doc ID 13304 Rev 3
7/13
2.2
AC line transient voltage ruggedness
In comparison with standard Triacs, which are not robust against surge voltage, the ACST2
is self-protected against over-voltage, specified by the new parameter VCL. In addition, the
ACST2 is a sensitive device (IGT = 10 ma), but provides a high noise immunity level againast
fast transients. The ACST2 switch can safely withstand AC line transient voltages either by
clamping the low energy spikes, such as inductive spikes at switch off, or by switching to the
on state (for less than 10 ms) to dissipate higher energy shocks through the load. This safety
feature works even with high turn-on current ramp up.
The test circuit of Figure 17 represents the ACST2 application, and is used to stress the
ACST switch according to the IEC 61000-4-5 standard conditions. With the additional effect
of the load which is limiting the current, the ACST switch withstands the voltage spikes up to
2 kV on top of the peak line voltage. The protection is based on an overvoltage crowbar
technology. The ACST2 folds back safely to the on state as shown in Figure 18. The ACST2
recovers its blocking voltage capability after the surge and the next zero current crossing.
Such a non repetitive test can be done at least 10 times on each AC line voltage polarity.
Figure 17.
Overvoltage ruggedness test circuit for resistive and inductive loads for
IEC 61000-4-5 standards
AC Mains
R
Filtering unit
Rg
Model of the load
Rgene
Surge generator
ACST210-8x
2kV surge
L
R = 20
, L = 10 µH, VPP = 2 kV
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com