Electronic Components Datasheet Search
  English  ▼

X  

L99H01XP Datasheet(PDF) 44 Page - STMicroelectronics

Part # L99H01XP
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01XP Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L99H01XP Datasheet HTML 40Page - STMicroelectronics L99H01XP Datasheet HTML 41Page - STMicroelectronics L99H01XP Datasheet HTML 42Page - STMicroelectronics L99H01XP Datasheet HTML 43Page - STMicroelectronics L99H01XP Datasheet HTML 44Page - STMicroelectronics L99H01XP Datasheet HTML 45Page - STMicroelectronics L99H01XP Datasheet HTML 46Page - STMicroelectronics L99H01XP Datasheet HTML 47Page - STMicroelectronics L99H01XP Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
Package and packing information
L99H01
44/53
DocID15567 Rev 5
6
Package and packing information
6.1
ECOPACK®
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53