Electronic Components Datasheet Search
  English  ▼

X  

R1S8-0505 Datasheet(PDF) 2 Page - Recom International Power

Part # R1S8-0505
Description  1 Watt SMD Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1S8-0505 Datasheet(HTML) 2 Page - Recom International Power

  R1S8-0505 Datasheet HTML 1Page - Recom International Power R1S8-0505 Datasheet HTML 2Page - Recom International Power R1S8-0505 Datasheet HTML 3Page - Recom International Power R1S8-0505 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute)
500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
3000VDC
H-Suffix
(rated for 1 minute)
1500VAC / 60Hz
Isolation Capacitance
R1S, R1S8, R1D, R1D10
15pF min. / 70pF max.
R1S12, R1D12
10pF min. / 75pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +100°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec), Peak 255°C (5 sec) max.
Vapour Phase Process
(for more details see Application Notes)
230°C (90 sec) max.
Relative Humidity
95% RH
Humidity Susceptibility Test
1000 hrs / 90% humidity / +85°C ambient
Package weight
R1S
1.0g
R1S8
1.1g
R1S12, R1D, R1D10, R1D12
1.2g
Packing Quantity
R1S, R1S8
40 pcs per Tube
R1S12, R1D, R1D10, R1D12
33 pcs per tube
All Types
500 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
4275 x 103 hours
(+85°C)
using MIL-HDBK 217F
1365 x 103 hours
CERTIFICATIONS
CB Test Report
Report: US/14402A/UL
IEC 60950-1:2001 1st Ed.
UL General Safety
Report: E358085
UL 60950-1 2nd Ed.
CUL General Safety
C22.2 No. 60950-1-03
EN Medical Safety
Report: MDD1205098-2 + RM1205098-2
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
EN General Safety
Report: SPCLVD1211033-3
EN60950-1: 2006 + A12:2011
Conducted / Radiated Emissions
EN55022
Level A
Notes
Note 1: Maximum capacitive load is defined as the capacitive load that will allow start up in under
.
1 second without damage to the converter.
www.recom-international.com
E-25
REV: 1/2013
R1S_R1D
Series
Specifications - continued
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
R1S**-xx05
100
60
20
40
105
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
} DetailedInformationsee
Application Notes chapter "MTBF"
Typical Characteristics
R1S-0505, R1D-0505
Derating-Graphs
(Ambient Temperature)
+10%
+5%
V Nom.
+5%
– 1%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
Tolerance Envelope
The derating graphs are valid
only for the part numbers shown.
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
3.305
1205
R1D**-xx05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com